Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB31C2A2CB Datasheet (PDF) - StarTech.com Ltd.

HB31C2A2CB Datasheet PDF - StarTech.com Ltd.
Part # HB31C2A2CB
Download  HB31C2A2CB Download
File Size   91.17 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub w/ 2x USB A & 2x USB C - SuperSpeed 10Gbps USB Type-C 3.1/3.2 Gen 2 Hub - USB Bus Powered - Portable USB-C to USB Adapter Hub - Aluminum - 9.8" (25cm) Cable

HB31C2A2CB Datasheet (PDF)

Go To PDF Page Download Datasheet
HB31C2A2CB Datasheet PDF - StarTech.com Ltd.

Part # HB31C2A2CB
Download  HB31C2A2CB Click to download

File Size   91.17 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub w/ 2x USB A & 2x USB C - SuperSpeed 10Gbps USB Type-C 3.1/3.2 Gen 2 Hub - USB Bus Powered - Portable USB-C to USB Adapter Hub - Aluminum - 9.8" (25cm) Cable

HB31C2A2CB Datasheet (HTML) - StarTech.com Ltd.


HB31C2A2CB Product details

Features
• 4 PORT USB C HUB: Add 2x USB-C & 2x USB-A data ports to a USB-C laptop, desktop or tablet - USB 3.1/3.2
Gen 2 SuperSpeed 10Gbps hub - Durable aluminum USB-C adapter hub works with USB 3.0/2.0 Type-A devices
• EXPANDED CONNECTIVITY: Bus powered USB hub w/ speeds up to 10Gbps and power up to 15W shared with
all downstream devices - Supporting SSD/thumb drives, data storage, keyboards, mice, web cams, headsets
• LONG HOST CABLE: Portable hub w/ 9.8" (25 cm) attached USB-C cable provides flexibility for use with laptops,
2-in-1's & laptops on riser stands - Compact size 4.1" (105mm) x 1.8" (45mm) x 0.6" (1.6cm)
• USB-C & THUNDERBOLT 3 COMPATIBILITY: Driverless setup, compatible w/ Windows, macOS, Linux, iPadOS,
Chrome OS, Android; Works w/ USB-C & TB3 laptops, ultrabooks, Chromebook, MacBook Pro/Air, iPad Pro - NOTE:
USB-C video / DP alt mode is not supported
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years - This USB 3.2 Gen 2 expansion hub is
backed for 2-years by StarTech.com, incl free 24/5 North America based multi-lingual tech support




Similar Part No. - HB31C2A2CB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB31C2A2CME STARTECH-HB31C2A2CME Datasheet
106Kb / 5P
4 Port USB C Hub 10Gbps - Metal Industrial USB-C Hub - 2x USB-C & 2x USB-A - ESD Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.1 Gen 2 Type-C Hub
More results


Similar Description - HB31C2A2CB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U460-004-4A-G2 TRIPPLITE-U460-004-4A-G2 Datasheet
169Kb / 3P
USB 3.1 Gen 2 USB-C Hub, 10 Gbps - 4 USB-A Ports, Thunderbolt 3, Portable, Aluminum Housing
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com