Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC18016 Datasheet (PDF) - Renesas Technology Corp

RC18016 Datasheet PDF - Renesas Technology Corp
Part # RC18016
Download  RC18016 Download
File Size   2112.58 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JESD204B/C Compliant Fanout Buffers and Dividers

RC18016 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC18016 Datasheet PDF - Renesas Technology Corp

Part # RC18016
Download  RC18016 Click to download

File Size   2112.58 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JESD204B/C Compliant Fanout Buffers and Dividers

RC18016 Datasheet (HTML) - Renesas Technology Corp


RC18016 Product details

▪ Distribution, fanout, phase-delay of clock, and SYSREF signals
▪ Low output noise floor: -163dBc/Hz (245.76MHz)
▪ Supports clock frequencies up to 3GHz, including
clock output frequencies of 983.04MHz,
491.52MHz, 245.76MHz, and 122.88MHz
▪ Phase alignment mode across multiple buffers with any frequency divider setting
▪ Configuration through 3-wire SPI interface
▪ Supply voltage:
• 3.3V core and signal I/O
• 1.8V digital control SPI I/O (3.3V-tolerant inputs)
▪ Reference inputs are fail-safe
▪ Provides four output channels with a total of 16
differential outputs
▪ Outputs channels include:
• Dedicated clock outputs
• Outputs configurable as SYSREF outputs with
individual phase delay stages, or configurable as
additional clock outputs
• Clock outputs are powered-on/enabled at startup
• QREF_r (SYSREF) outputs disabled at startup
▪ Each clock channel contains:
• Frequency Dividers: ÷1, ÷2, ÷3, ÷4, ÷6, ÷8, ÷12,
÷16, ÷24
• Clock phase delay circuits, delay unit is the clock
period; 256 steps
▪ SYSREF: Configurable precision phase delay
circuits: 8 steps of 131ps, 262ps, 393ps, or 524ps
▪ Flexible differential outputs:
• LVDS/LVPECL/AC-HCSL
• Amplitude configurable for LVDS and LVPECL
• Power-down modes for unused outputs
• Supports DC and AC coupling
• QREF_r (SYSREF) output pre-bias feature to
prevent glitches when turning output on or off
▪ Package: 64-VFQFPN (9.0 × 9.0 × 0.85 mm)
▪ Ambient temperature range: -40°C to +105°C (case)




Similar Part No. - RC18016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC18016 RENESAS-RC18016 Datasheet
2Mb / 44P
JESD204B/C Compliant Fanout Buffers and Dividers
Rev.1.01 Oct 11, 2024
RC18016AGN1#BB0 RENESAS-RC18016AGN1#BB0 Datasheet
2Mb / 44P
JESD204B/C Compliant Fanout Buffers and Dividers
Rev.1.01 Oct 11, 2024
RC18016AGN1#HB0 RENESAS-RC18016AGN1#HB0 Datasheet
2Mb / 44P
JESD204B/C Compliant Fanout Buffers and Dividers
Rev.1.01 Oct 11, 2024
RC18016AGNC#KB0 RENESAS-RC18016AGNC#KB0 Datasheet
2Mb / 44P
JESD204B/C Compliant Fanout Buffers and Dividers
Rev.1.01 Oct 11, 2024
RC18016 RENESAS-RC18016_V01 Datasheet
2Mb / 44P
JESD204B/C Compliant Fanout Buffers and Dividers
Rev.1.01 Oct 11, 2024
More results


Similar Description - RC18016

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9508 AD-AD9508 Datasheet
838Kb / 40P
1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
REV. A
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
logo
Integrated Device Techn...
8V79S680 IDT-8V79S680 Datasheet
736Kb / 52P
JESD204B Compliant Fanout Buffer and Divider
logo
Texas Instruments
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Integrated Device Techn...
8V79S680 IDT-8V79S680_17 Datasheet
698Kb / 49P
JESD204B-Compliant Fanout Buffer and Divider
logo
Texas Instruments
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Diodes Incorporated
PI6C49S1504T DIODES-PI6C49S1504T Datasheet
529Kb / 2P
High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
logo
Renesas Technology Corp
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 46P
JESD204B Compliant Fanout Buffer and Divider
January 11, 2019
8V79S683 RENESAS-8V79S683 Datasheet
1Mb / 53P
JESD204B/C Compliant Fanout Buffer and Divider
September 13, 2021
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com