Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53340 Datasheet (PDF) - Skyworks Solutions Inc.

SI53340 Datasheet PDF - Skyworks Solutions Inc.
Part # SI53340
Download  SI53340 Download
File Size   2240.64 Kbytes
Page   38 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low-Jitter LVDS Fanout Clock Buffers

SI53340 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI53340 Datasheet PDF - Skyworks Solutions Inc.

Part # SI53340
Download  SI53340 Click to download

File Size   2240.64 Kbytes
Page   38 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low-Jitter LVDS Fanout Clock Buffers

SI53340 Datasheet (HTML) - Skyworks Solutions Inc.


SI53340 Product details

FEATURES
• Ultra-low additive jitter: 50 fs rms
• Built-in LDOs for high PSRR performance
• Up to 10 LVDS Outputs
• Any-format Inputs (LVPECL, Low-Power
LVPECL, LVDS, CML, HCSL, LVCMOS)
• Wide frequency range: dc to 1250 MHz
• Output Enable option
• Multiple configuration options
• 2:1 Input Mux
• RoHS compliant, Pb-free
• Temperature range: –40 to +85 °C




Similar Part No. - SI53340

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
Multiple configuration options
SI53340-B-GM SILABS-SI53340-B-GM Datasheet
947Kb / 38P
Multiple configuration options
logo
Skyworks Solutions Inc.
SI53340-B-GM SKYWORKS-SI53340-B-GM Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results


Similar Description - SI53340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0294 AD-CN-0294 Datasheet
427Kb / 5P
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
REV. 0
logo
Abracon Corporation
ASFLMX-200.000MHZ-5ABB ABRACON-ASFLMX-200.000MHZ-5ABB Datasheet
6Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.08.15
ASFLMX-212.500MHZ-3ABB ABRACON-ASFLMX-212.500MHZ-3ABB Datasheet
6Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.08.15
ASFLMX-50.000MHZ-5ABB ABRACON-ASFLMX-50.000MHZ-5ABB Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.15.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-200.000MHZ-5ABB ABRACON-ASVMX-200.000MHZ-5ABB Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Skyworks Solutions Inc.
SI5334X SKYWORKS-SI5334X Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com