Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG91066 Datasheet (PDF) - Pro-Signal

PSG91066 Datasheet PDF - Pro-Signal
Part # PSG91066
Download  PSG91066 Download
File Size   178.52 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.0 USB Adapter Type A Plug to Receptacle

PSG91066 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG91066 Datasheet PDF - Pro-Signal

Part # PSG91066
Download  PSG91066 Click to download

File Size   178.52 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.0 USB Adapter Type A Plug to Receptacle

PSG91066 Datasheet (HTML) - Pro-Signal


PSG91066 Product details

Features
• Projects 21mm from ports when connected
• Dimensions (HxWxD): 28mm × 17mm × 34mm

Description
3.0 USB Adapter, Type A Plug to Receptacle




Similar Part No. - PSG91066

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91064 PROSIGNAL-PSG91064 Datasheet
158Kb / 1P
2.0 USB Adapter Type A Plug to Receptacle
25/05/22 V1.0
More results


Similar Description - PSG91066

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB316431CEU AMPHENOL-GSB316431CEU Datasheet
94Kb / 1P
USB 3.0 CONNECTOR STANDARD A TYPE, PLUG R/A SMT
logo
Wurth Elektronik GmbH &...
692112030100 WURTH-692112030100 Datasheet
637Kb / 2P
USB 3.0 SMT PLUG WITH CLIP TYPE A
logo
FCI connector
10117836-001LF FCI-CONNECTOR-10117836-001LF Datasheet
90Kb / 1P
USB 3.0 Standard-A Receptacle Vertical Type Soldering to Board Termination
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
Pulse A Technitrol Comp...
E8199-030-01 PULSE-E8199-030-01 Datasheet
86Kb / 1P
USB 3.0 B TYPE RECEPTACLE
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
E8199-070-01 PULSE-E8199-070-01 Datasheet
109Kb / 1P
USB 3.0 B TYPE PLUG
logo
Bel Fuse Inc.
CT520003 BEL-CT520003 Datasheet
306Kb / 2P
USB 3.0 Stacked Right Angle Receptacle Type A
Rev. A0
logo
Molex Electronics Ltd.
PK-48405-001 MOLEX-PK-48405-001 Datasheet
216Kb / 2P
USB 3.0 CONNECTOR A RECEPTACLE 90DIP TYPE
2013.6.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com