Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG91064 Datasheet (PDF) - Pro-Signal

PSG91064 Datasheet PDF - Pro-Signal
Part # PSG91064
Download  PSG91064 Download
File Size   158.25 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 2.0 USB Adapter Type A Plug to Receptacle

PSG91064 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG91064 Datasheet PDF - Pro-Signal

Part # PSG91064
Download  PSG91064 Click to download

File Size   158.25 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 2.0 USB Adapter Type A Plug to Receptacle

PSG91064 Datasheet (HTML) - Pro-Signal


PSG91064 Product details

Features
• Projects 21mm from ports when connected
• Dimensions (HxWxD): 28mm × 17mm × 34mm

Description
2.0 USB Adapter, Type A Plug to Receptacle




Similar Part No. - PSG91064

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91066 PROSIGNAL-PSG91066 Datasheet
178Kb / 1P
3.0 USB Adapter Type A Plug to Receptacle
25/05/22 V1.0
More results


Similar Description - PSG91064

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-340 GLENAIR-233-340 Datasheet
308Kb / 1P
USB 2.0 Plug-to-Receptacle
233-370 GLENAIR-233-370 Datasheet
131Kb / 1P
USB 2.0 Plug-to-Receptacle
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Rosenberger Hochfrequen...
MU1S101-000 ROSENBERGER-MU1S101-000 Datasheet
745Kb / 2P
USB 2.0 A PLUG
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
MU1S101-000Z ROSENBERGER-MU1S101-000Z Datasheet
745Kb / 2P
USB 2.0 A PLUG
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com