Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG305 Datasheet (PDF) - Texas Instruments

LOG305 Datasheet PDF - Texas Instruments
Part # LOG305
Download  LOG305 Download
File Size   5505.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOG305 95dB Dynamic Range, Logarithmic Detector for Cost-Sensitive Applications

LOG305 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG305 Datasheet PDF - Texas Instruments

Part # LOG305
Download  LOG305 Click to download

File Size   5505.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOG305 95dB Dynamic Range, Logarithmic Detector for Cost-Sensitive Applications

LOG305 Datasheet (HTML) - Texas Instruments


LOG305 Product details

1 Features
• Input Range: 18μVRMS to 1VRMS
• Temperature: –40°C to +125°C
• Dynamic range: 95dB
• Log conformance error (LCE) = ±2dB
• Signal detection from 200kHz to 100MHz
• Quiescent current: 2.1mA max across temperature
• Supply: 2.7V to 5.25V
• Integrated Op Amp for buffering / gain adjustment

2 Applications
• Ultrasonic distance and material sensing
• Flow cytometry
• ESD and high energy EMI signal detection
• ARC fault detection

3 Description
The LOG305 is a Log Detector / RSSI Detector with
very low power consumption. This device supports an
input frequency from 200kHz to 100MHz and a typical
dynamic range of 95dB. The LOG305 can support
beyond these frequencies at reduced sensitivity. The
LOG305 is intended for use in applications that
require a wide dynamic range of voltage and signal
measurement. This device supports single ended
inputs and unipolar or bipolar supplies.
The LOG305 is available in a 6-pin DRV package.
The LOG305 is operational from a 2.7V to 5.25V
supply and over the full ambient temperature range
of –40°C to +125°C.




Similar Part No. - LOG305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG300 TI-LOG300 Datasheet
3Mb / 32P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
OCTOBER 2024
LOG300 TI-LOG300 Datasheet
3Mb / 35P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
DECEMBER 2024
LOG300DR TI-LOG300DR Datasheet
3Mb / 32P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
OCTOBER 2024
LOG300DR TI-LOG300DR Datasheet
3Mb / 35P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
DECEMBER 2024
LOG300RGTR TI-LOG300RGTR Datasheet
3Mb / 35P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
DECEMBER 2024
More results


Similar Description - LOG305

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Analog Devices
CN-0072 AD-CN-0072 Datasheet
123Kb / 3P
Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
REV. 0
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
List of Unclassifed Man...
SDP1000 ETC2-SDP1000 Datasheet
431Kb / 10P
For cost sensitive HVAC and medical OEM applications
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com