Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG300RGTR Datasheet (PDF) - Texas Instruments

LOG300RGTR Datasheet PDF - Texas Instruments
Part # LOG300RGTR
Download  LOG300RGTR Download
File Size   3325.47 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier

LOG300RGTR Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG300RGTR Datasheet PDF - Texas Instruments

Part # LOG300RGTR
Download  LOG300RGTR Click to download

File Size   3325.47 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier

LOG300RGTR Datasheet (HTML) - Texas Instruments


LOG300RGTR Product details

1 Features
• Input range:
– LNA + log detector: 7μVP to 200mVP
– Log detector: 20μVP to 1.6VP
• Adjustable output to input slope and response
time.
• Dynamic range: 98dB with log conformance error
(LCE) = ±1dB
• Signal detection up to 40MHz; even higher with
reduced LCE
• Input frequency detection, zero cross detect
• Supply: 3V to 5.25V

2 Applications
• Ultrasonic distance and material sensing
• Flow cytometry
• ESD and high energy EMI signal detection
• Energy detection
• Bubble, occlusion detection

3 Description
The LOG300 is an integrated analog front end
(AFE) consisting of low-noise amplifier (LNA) and
a Log Detector block. This device supports an
input frequency range of up-to 40MHz and a typical
dynamic range of 98dB. The LOG300 is intended
for use in applications that require a wide dynamic
range of voltage and signal measurement. The Log
Detector block of LOG300 supports both single-ended
and differential inputs. The low input noise of the
integrated LNA, allows measurement of signals as
low as 7μVP. The transient output response can be
adjusted by tuning the capacitor connected at the
Log_Out pin. The integrated frequency detect feature
of LOG300 enables users to extract input signal
frequency and zero-crossing information.
The LOG300 is available in a 16-pin SOIC and 16-pin
VQFN package. The LOG300 is operational from a 3V
to 5.25V supply and over the full ambient temperature
range of –40°C to +125°C.




Similar Part No. - LOG300RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG300 TI-LOG300 Datasheet
3Mb / 32P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
OCTOBER 2024
LOG300DR TI-LOG300DR Datasheet
3Mb / 32P
LOG300 40MHz, 98dB Logarithmic Detector With Integrated Low-Noise Amplifier
OCTOBER 2024
More results


Similar Description - LOG300RGTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com