Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFII-SW-0063-Q Datasheet (PDF) - Abracon Corporation

AFII-SW-0063-Q Datasheet PDF - Abracon Corporation
Part # AFII-SW-0063-Q
Download  AFII-SW-0063-Q Download
File Size   1998.22 Kbytes
Page   14 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description GNSS L1/L2L5 SMD DUAL SAW FILTER

AFII-SW-0063-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0063-Q Datasheet PDF - Abracon Corporation

Part # AFII-SW-0063-Q
Download  AFII-SW-0063-Q Click to download

File Size   1998.22 Kbytes
Page   14 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description GNSS L1/L2L5 SMD DUAL SAW FILTER

AFII-SW-0063-Q Datasheet (HTML) - Abracon Corporation


AFII-SW-0063-Q Product details

Features
•AEC-Q200 GNSS L1/(L2+L5) Dual SAW Filter
•1.5 x 1.1 x 0.65 mm in Size
•Insertion Loss: 2.0 dB (L1) / 2.6 dB (L2 + L5)
•Out-of-Band Rejection: > 35 dB
•Maximum Input Power: +15 dBm
•Stable Performance Across -40ºC ~ +105ºC




Similar Part No. - AFII-SW-0063-Q

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0060 ABRACON-AFII-SW-0060 Datasheet
1Mb / 12P
SMD 1176 MHZ SAW FILTER
03-13-25
AFII-SW-0060-EVB ABRACON-AFII-SW-0060-EVB Datasheet
1Mb / 12P
SMD 1176 MHZ SAW FILTER
03-13-25
AFII-SW-0060-T ABRACON-AFII-SW-0060-T Datasheet
1Mb / 12P
SMD 1176 MHZ SAW FILTER
03-13-25
AFII-SW-0061 ABRACON-AFII-SW-0061 Datasheet
955Kb / 12P
SMD 1583 MHz SAW FILTER
03-13-25
AFII-SW-0061-EVB ABRACON-AFII-SW-0061-EVB Datasheet
955Kb / 12P
SMD 1583 MHz SAW FILTER
03-13-25
More results


Similar Description - AFII-SW-0063-Q

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXTXGPS-L1L2-GN AAC-JXTXGPS-L1L2-GN Datasheet
111Kb / 1P
GPS & GNSS L1/L2 Antenna
logo
Taoglas antenna solutio...
DXP01A TAOGLAS-DXP01A Datasheet
578Kb / 11P
SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
DXP02A TAOGLAS-DXP02A Datasheet
571Kb / 14P
SMD L1/L2/L5 SAW Diplexer
logo
Tallysman Wireless Inc.
TW7875 TALLYSMAN-TW7875 Datasheet
252Kb / 2P
TW7875 Magnetic Mount Dual Band (L1/L5) GNSS Antenna
logo
Pulse A Technitrol Comp...
W3089 PULSE-W3089 Datasheet
1Mb / 14P
3-in-1 Combo GNSS L1L2L5 Ceramic SMD Antenna
logo
Linx Technologies
ANT-GNCP-TH25AL12 LINX-ANT-GNCP-TH25AL12 Datasheet
1Mb / 14P
L1/L2 Ceramic Patch GNSS Antenna
2021
logo
Maxtena Inc.
MEA-1400-MM MAXTENA-MEA-1400-MM Datasheet
1Mb / 3P
GNSS/L1/L5 Magnetic Mount
REV A
logo
Qorvo, Inc
QPQ1028 QORVO-QPQ1028 Datasheet
608Kb / 11P
Dual-Use GPS L1/L2 Dual Filter
June 04, 2021
logo
AVX Corporation
M830120 AVX-M830120 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
logo
Yuechung International ...
YIC51612EBGGBI YIC-YIC51612EBGGBI Datasheet
1Mb / 19P
L1L5 NavIC (IRNSS) GNSS Module
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com