Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFII-SW-0061 Datasheet (PDF) - Abracon Corporation

AFII-SW-0061 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0061
Download  AFII-SW-0061 Download
File Size   955.31 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1583 MHz SAW FILTER

AFII-SW-0061 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0061 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0061
Download  AFII-SW-0061 Click to download

File Size   955.31 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1583 MHz SAW FILTER

AFII-SW-0061 Datasheet (HTML) - Abracon Corporation


AFII-SW-0061 Product details

Features
•Supports GPS/Glonass/Galileo/Beidou L1 Band
•1.4 x 1.1 x 0.7mm in Size
•Low Insertion Loss: 1.1 dB
•Out-of-Band Rejection: > 25 dB
•50 Ohms Single-Ended Input & Output
•Maximum Input Power: +10 dBm




Similar Part No. - AFII-SW-0061

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0060 ABRACON-AFII-SW-0060 Datasheet
1Mb / 12P
SMD 1176 MHZ SAW FILTER
03-13-25
AFII-SW-0060-EVB ABRACON-AFII-SW-0060-EVB Datasheet
1Mb / 12P
SMD 1176 MHZ SAW FILTER
03-13-25
AFII-SW-0060-T ABRACON-AFII-SW-0060-T Datasheet
1Mb / 12P
SMD 1176 MHZ SAW FILTER
03-13-25
AFII-SW-0062 ABRACON-AFII-SW-0062 Datasheet
1Mb / 13P
SMD 1575 MHz SAW FILTER
03-13-25
AFII-SW-0062-EVB ABRACON-AFII-SW-0062-EVB Datasheet
1Mb / 13P
SMD 1575 MHz SAW FILTER
03-13-25
More results


Similar Description - AFII-SW-0061

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
logo
TAI-SAW TECHNOLOGY CO.,...
TA1932A TAI-SAW-TA1932A Datasheet
396Kb / 7P
SAW Filter 1583 MHz
TE0125A TAI-SAW-TE0125A Datasheet
722Kb / 6P
SAW Filter 1583 MHz
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1573B TAI-SAW-TA1573B Datasheet
415Kb / 8P
SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.1X0.9mm
TA1785B TAI-SAW-TA1785B Datasheet
680Kb / 7P
SAW Filter 1583 MHz (BW 46.79MHz) SMD 3.0X3.0 mm
TA2312A TAI-SAW-TA2312A Datasheet
444Kb / 8P
SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TE0142A TAI-SAW-TE0142A Datasheet
696Kb / 6P
SAW Filter 1583 MHz SMD 3.0X3.0 mm (BW 48 MHz)
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com