Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0899329 Datasheet (PDF) - PHOENIX CONTACT

0899329 Datasheet PDF - PHOENIX CONTACT
Part # 0899329
Download  0899329 Download
File Size   336.0 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description O PX A 161X161X93 - Empty enclosure

0899329 Datasheet (PDF)

Go To PDF Page Download Datasheet
0899329 Datasheet PDF - PHOENIX CONTACT

Part # 0899329
Download  0899329 Click to download

File Size   336.0 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description O PX A 161X161X93 - Empty enclosure

0899329 Datasheet (HTML) - PHOENIX CONTACT


0899329 Product details

Empty enclosure, Octagonal, material: Glass-fiber-reinforced polyester with added graphite,
black, 161 mm x 161 mm x 93 mm, type of locking: Screw-on cover




Similar Part No. - 0899329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899320 PHOENIX-0899320 Datasheet
332Kb / 7P
E PX A 250X600X121 - Empty enclosure
0899321 PHOENIX-0899321 Datasheet
316Kb / 5P
E PX A 360X360X91 - Empty enclosure
0899322 PHOENIX-0899322 Datasheet
250Kb / 5P
E PX A 405X400X121 - Empty enclosure
0899323 PHOENIX-0899323 Datasheet
316Kb / 5P
E PX A 405X400X201 - Empty enclosure
0899324 PHOENIX-0899324 Datasheet
230Kb / 4P
D PX A 177X177X145 - Empty enclosure
More results


Similar Description - 0899329

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
SATA 2.5 Enterprise SSD PX Series
GLS93SPXXXG3 GREENLIANT-GLS93SPXXXG3 Datasheet
135Kb / 8P
Industrial Temp SD / microSD ArmourDrive PX Series
GLS91CP064G3 GREENLIANT-GLS91CP064G3 Datasheet
119Kb / 6P
Industrial Temp CFast ArmourDrive PX Series
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPL4 SCHNEIDER-XAPL4 Datasheet
111Kb / 2P
empty control station - XAP-L - plastic - 10 A - 600VAC
Feb 10, 2022
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com