Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0899323 Datasheet (PDF) - PHOENIX CONTACT

0899323 Datasheet PDF - PHOENIX CONTACT
Part # 0899323
Download  0899323 Download
File Size   316.21 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description E PX A 405X400X201 - Empty enclosure

0899323 Datasheet (PDF)

Go To PDF Page Download Datasheet
0899323 Datasheet PDF - PHOENIX CONTACT

Part # 0899323
Download  0899323 Click to download

File Size   316.21 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description E PX A 405X400X201 - Empty enclosure

0899323 Datasheet (HTML) - PHOENIX CONTACT


0899323 Product details

Empty enclosure, material: Glass-fiber-reinforced polyester with added graphite, black, 405 mm
x 400 mm x 201 mm, type of locking: Screw-on cover




Similar Part No. - 0899323

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899320 PHOENIX-0899320 Datasheet
332Kb / 7P
E PX A 250X600X121 - Empty enclosure
0899321 PHOENIX-0899321 Datasheet
316Kb / 5P
E PX A 360X360X91 - Empty enclosure
0899322 PHOENIX-0899322 Datasheet
250Kb / 5P
E PX A 405X400X121 - Empty enclosure
0899324 PHOENIX-0899324 Datasheet
230Kb / 4P
D PX A 177X177X145 - Empty enclosure
0899325 PHOENIX-0899325 Datasheet
377Kb / 5P
D PX A 360X177X145 - Empty enclosure
More results


Similar Description - 0899323

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
PHOENIX CONTACT
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPE901 SCHNEIDER-XAPE901 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPE905 SCHNEIDER-XAPE905 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
XAPE902 SCHNEIDER-XAPE902 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE903 SCHNEIDER-XAPE903 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE904 SCHNEIDER-XAPE904 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
logo
PHOENIX CONTACT
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com