Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE24A. Datasheet (PDF) - ON Semiconductor

P6KE24A. Datasheet PDF - ON Semiconductor
Part # P6KE24A.
Download  P6KE24A. Download
File Size   238.06 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 W Transient Voltage Suppressors

P6KE24A. Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE24A. Datasheet PDF - ON Semiconductor

Part # P6KE24A.
Download  P6KE24A. Click to download

File Size   238.06 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 W Transient Voltage Suppressors

P6KE24A. Datasheet (HTML) - ON Semiconductor


P6KE24A. Product details

Features
• Glass-Passivated Junction
• 600 W Peak Pulse Power Capability at 1.0 ms
• Excellent Clamping Capability
• Low Incremental Surge Resistance
• Fast Response Time; Typically < 1.0 ps from 0 V to BV for Uni-directional and 5.0 ns for Bi-directional
• Typical IR < 1.0 mA Above 10 V

Applications
• Devices for Bipolar Applications
• Bi-directional Types Use CA Suffix
• Electrical Characteristics Apply in Both Directions




Similar Part No. - P6KE24A.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
P6KE24A. FAIRCHILD-P6KE24A. Datasheet
238Kb / 8P
600 W Transient Voltage Suppressors
Rev. 1.2.0 June 2013
More results


Similar Description - P6KE24A.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
P6KE68 FAIRCHILD-P6KE68 Datasheet
56Kb / 5P
600 Watt Transient Voltage Suppressors
logo
SeCoS Halbleitertechnol...
ESD05R SECOS-ESD05R Datasheet
332Kb / 2P
150 W Transient Voltage Suppressors Diode
KS05M5 SECOS-KS05M5 Datasheet
385Kb / 2P
100 W Transient Voltage Suppressors Diode
SESD12 SECOS-SESD12 Datasheet
527Kb / 2P
110 W Transient Voltage Suppressors Diode
logo
Fairchild Semiconductor
P6KE250CA FAIRCHILD-P6KE250CA Datasheet
112Kb / 4P
600 Watt Transient Voltage Suppressors
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
logo
Digitron Semiconductors
P6KE6.8A DIGITRON-P6KE6.8A Datasheet
411Kb / 5P
600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
KS05B3 SECOS-KS05B3_15 Datasheet
1Mb / 2P
40 W Transient Voltage Suppressors Diode
logo
Nexperia B.V. All right...
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com