Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVSXP1UP_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

PTVSXP1UP_SER Datasheet PDF - Nexperia B.V. All rights reserved
Part # PTVSXP1UP_SER
Download  PTVSXP1UP_SER Download
File Size   682.46 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 600 W Transient Voltage Suppressor

PTVSXP1UP_SER Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVSXP1UP_SER Datasheet PDF - Nexperia B.V. All rights reserved

Part # PTVSXP1UP_SER
Download  PTVSXP1UP_SER Click to download

File Size   682.46 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 600 W Transient Voltage Suppressor

PTVSXP1UP_SER Datasheet (HTML) - Nexperia B.V. All rights reserved


PTVSXP1UP_SER Product details

1.1 General description
600 W unidirectional Transient Voltage Suppressor (TVS) in a SOD128 small and flat lead
Surface-Mounted Device (SMD) plastic package, designed for transient overvoltage
protection.
1.2 Features and benefits
1.3 Applications
Power supply protection
Automotive application
Industrial application
Power management
Rated peak pulse power: PPPM = 600 W Very low package height: 1 mm
Reverse standoff voltage range:
VRWM = 3.3 V to 64 V
Small plastic package suitable for
surface-mounted design
Reverse current: IRM = 0.001 μA AEC-Q101 qualified




Similar Part No. - PTVSXP1UP_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
More results


Similar Description - PTVSXP1UP_SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
600 Watt TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
600 Watts Transient Voltage Suppressor
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com