Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D16550 Datasheet (PDF) - Digital Core Design

D16550 Datasheet PDF - Digital Core Design
Part # D16550
Download  D16550 Download
File Size   186.04 Kbytes
Page   7 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Configurable UART with FIFO ver 2.08

D16550 Datasheet (PDF)

Go To PDF Page Download Datasheet
D16550 Datasheet PDF - Digital Core Design

Part # D16550
Download  D16550 Click to download

File Size   186.04 Kbytes
Page   7 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Configurable UART with FIFO ver 2.08

D16550 Datasheet (HTML) - Digital Core Design


D16550 Product details

OVERVIEW
The D16550 is a soft Core of a Universal Asynchronous Receiver/Transmitter (UART) functionally identical to the TL16C550A. The D16550 allows serial transmission in two modes: UART mode and FIFO mode. In FIFO mode internal FIFOs are activated allowing 16 bytes (plus 3 bits of error data per byte in the RCVR FIFO) to be stored in both receive and transmit directions. D16550 performs serial-toparallel conversion on data characters received from a peripheral device or a MODEM, and parallel-to-serial conversion on data characters received from the CPU.

KEY FEATURES
● Software compatible with 16450 and 16550 UARTs
● Configuration capability
● Separate configurable BAUD clock line
● Two modes of operation: UART mode and FIFO mode
● Majority Voting Logic
● In the FIFO mode transmitter and receiver are each buffered with 16 byte FIFO to reduce the number of interrupts presented to the CPU
● Adds or deletes standard asynchronous communication bits (start, stop, and parity) to or from the serial data
● In UART mode receiver and transmitter are double buffered to eliminate a need for precise synchronization between the CPU and serial data
● Independently controlled transmit, receive, line status, and data set interrupts
● False start bit detection
● 16 bit programmable baud generator
● MODEM control functions (CTS, RTS, DSR, DTR, RI, and DCD)
    ○ Fully programmable serial-interface characteristics:
    ○ 5-, 6-, 7-, or 8-bit characters
    ○ Even, odd, or no-parity bit generation and
    ○ 1-, 1½-, or 2-stop bit generation detection
    ○ Baud generation
● Complete status reporting capabilities
● Line break generation and detection. Internal diagnostic capabilities:
    ○ Loop-back controls for communications link fault isolation
    ○ Break, parity, overrun, framing error simulation
● Two DMA Modes allows single and multitransfer
● Technology independent HDL Source Code
● Full prioritized interrupt system controls
● Fully synthesizable static design with no internal tri-state buffers

APPLICATIONS
● Serial Data communications applications
● Modem interface




Similar Part No. - D16550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
D1650 WINGS-D1650 Datasheet
86Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Sanyo Semicon Device
D1651 SANYO-D1651 Datasheet
180Kb / 4P
Color TV Horizontal Deflection Output Applications
logo
Wing Shing Computer Com...
D1651 WINGS-D1651 Datasheet
41Kb / 1P
NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT)
logo
Quanzhou Jinmei Electro...
D1651 JMNIC-D1651 Datasheet
55Kb / 3P
Silicon NPN Power Transistors
D1651 JMNIC-D1651 Datasheet
87Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - D16550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
QUAD UART WITH 64-BYTE FIFO
logo
IMP, Inc
EI16C550 IMP-EI16C550 Datasheet
44Kb / 2P
FIFO UART
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Digital Core Design
D16450 DCD-D16450 Datasheet
178Kb / 6P
Configurable UART
D16750 DCD-D16750 Datasheet
187Kb / 7P
Configurable UART with FIFO
logo
IK Semicon Co., Ltd
IN16C1054 IKSEMICON-IN16C1054 Datasheet
634Kb / 53P
Quard Uart with 256-Byte FIFO
logo
A1 PROs co., Ltd.
EI16C550 A1PROS-EI16C550 Datasheet
51Kb / 2P
FIFO UART
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
QUAD UART WITH 64-BYTE FIFO
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
TL16C750E UART with 128-Byte FIFO
More results




About Digital Core Design


Digital Core Design (DCD) is a company that specializes in providing intellectual property (IP) cores for microprocessors and microcontrollers. Founded in 1999 and based in Poland, DCD offers a wide range of IP cores, including 8051, AVR, Z80, 68000, and ARM cores, among others.

DCD's IP cores are used in a variety of applications, including automotive, industrial automation, medical devices, and consumer electronics. The company's IP cores are designed to be highly configurable and customizable, allowing customers to tailor the cores to their specific needs.

In addition to its IP cores, DCD offers a range of design services, including custom microcontroller design, FPGA design, and software development. The company has a team of experienced engineers who work closely with customers to develop custom solutions that meet their specific requirements.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com