Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFBGA243 Datasheet (PDF) - Microchip Technology

TFBGA243 Datasheet PDF - Microchip Technology
Part # TFBGA243
Download  TFBGA243 Download
File Size   837.58 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM

TFBGA243 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFBGA243 Datasheet PDF - Microchip Technology

Part # TFBGA243
Download  TFBGA243 Click to download

File Size   837.58 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM

TFBGA243 Datasheet (HTML) - Microchip Technology


TFBGA243 Product details

Features
• CPU Running up to 800 MHz
– ARM926EJ-S Arm Thumb® processor
– 32-Kbyte data cache, 32-Kbyte instruction cache, Memory Management Unit (MMU)
• Memories
– One 176-Kbyte internal ROM
• 80-Kbyte internal ROM embedding a secure bootloader program supporting boot on NAND Flash,
SD Card, SPI or QSPI Flash; bootloader features selectable by OTP bits
• 96-Kbyte ROM for NAND Flash BCH ECC table
– One 64-Kbyte internal SRAM (SRAM0), single cycle access at system speed
– Internal DDR3L SDRAM running at up to 266 MHz
– External Bus Interface (EBI) supporting:
• 8-bit NAND Flash with up to 24-bit programmable multi-bit error correcting code
– One 10-Kbyte OTP memory for secure key storage with Emulation mode (OTP bits are emulated by a
4-Kbyte SRAM (SRAM1))
• System Running up to 266 MHz
– Power-on reset cells, reset controller, shutdown controller, periodic interval timer, watchdog timer
running on internal slow RC oscillator (32 kHz typical) and real-time clock running on slow crystal
oscillator (32.768 kHz)
– Two internal trimmed RC oscillators with typical values: 32 kHz (slow) and 12 MHz (fast)
– Two crystal oscillators: 32.768 kHz (slow) and 20 to 50 MHz (fast)
– One PLL for the system and one PLL optimized for USB high-speed operation (480 MHz)
• One PLL for audio operations, with dedicated output clock
• One PLL in LVDS I/F (LVDS usage only)
• One PLL in MIPI DPHY (MIPI DSI usage only)
– One dual-port 16-channel DMA controller
– Advanced interrupt controller and debug unit
– JTAG port with disable bit in OTP memory
– Two programmable clock output signals
• Low-Power Modes
– Backup mode with RTC, eight 32-bit general purpose backup registers, and shutdown controller to
control the external power supply
– Clock generator and power management controller
– Software-programmable ultra-low power modes: very slow clock operating mode (ULP0) and no-clock
operating mode (ULP1) with fast wake-up capabilities
– Software programmable power optimization capabilities
• Peripherals
– LCD controller with overlay, alpha blending, rotation, scaling and color conversion; up to 720p resolution
• RGB, LVDS, MIPI-DSI interfaces
– 2D graphics controller supporting fill BLT, copy BLT, transparent BLT, blend/alpha BLT, ROP4 BLT (raster
operations) and command ring buffer
– Image sensor controller with ITU-R BT; 601/656/1120 video interface support up to 5 Mpixels; support of
raw Bayer 12, YCbCr, monochrome and JPEG compressed sensors up to 12 bits
• MIPI CSI2 I/F support
• 12-bit parallel I/F support
– One high-speed USB device, three high-speed USB hosts with dedicated on-chip transceivers
– One 10/100/1000 Mbps Ethernet Mac controller with IEEE-1588 and TSN support, RGMII and RMII
support
– Two 4-bit secure digital multimedia card controllers
– Two CAN FD controllers with timestamping
– One Quad/Octal SPI controller
– Two 3-channel 32-bit timers/counters
– Two high-resolution (64-bit) periodic interval timers
– One synchronous serial controller
– One inter-IC sound multi-channel controller with TDM support
– One audio class D controller with single-ended or bridge-tied load connection to power stage
– One 4-channel 16-bit PWM controller
– Thirteen FLEXCOMs (USART, SPI and TWI/I2C)
– One 8-channel, 12-bit, analog-to-digital converter with 4/5 wires resistive touchscreen support
• Hardware Cryptography
– SHA (SHA1, SHA224, SHA256, SHA384, SHA512) and HMAC compliant with FIPS PUB 180
– AES: 256-, 192-, 128-bit key algorithms compliant with FIPS PUB 197
– AES/SHA tight coupling for IPsec hardware acceleration
– TDES: 2-key or 3-key algorithms compliant with FIPS PUB 46
– True random number generator compliant with NIST Special Publication 800-22 Test Suite and FIPS PUBs
140-2 and 140-3
– Key bus providing private key transfers between AES, TDES, TRNG, OTPC
– Physical Unclonable Function (PUF) including NIST SP 800-90B (DRNG) and embedding four Kbytes of
SRAM (PUFSRAM)
• I/O Ports
– Four 32-bit parallel input/output controllers
– Up to 106 programmable I/O lines multiplexed with up to four peripheral I/Os
– Input change interrupt capability on each I/O line, optional Schmitt trigger input
– Individually programmable open-drain, pull-up and pull-down resistors, synchronous output
– General-purpose analog and digital inputs tolerant to positive and negative current injection
• Package
– 16x16 mm2, 0.8-mm pitch, 243-ball BGA optimized for standard class PCB layout (down to four layers)
• Design for low ElectroMagnetic Interference (EMI)
– Slewrate-controlled I/Os
– DDR PHY with impedance-calibrated drivers
– Spread spectrum PLLs
– BGA power/ground ball assignment to provide optimum decoupling capacitors placement
• Operating Conditions
– Junction temperature (TJ) range: -40°C to +125°C
– Ambient temperature (TA) range: -40°C to +85°C




Similar Part No. - TFBGA243

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
TFBGA AMKOR-TFBGA Datasheet
746Kb / 2P
Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.
06/19
logo
NXP Semiconductors
TFBGA100 NXP-TFBGA100 Datasheet
2Mb / 153P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
TFBGA100 NXP-TFBGA100 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
TFBGA100 NXP-TFBGA100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
TFBGA100 NXP-TFBGA100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results


Similar Description - TFBGA243

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
1-Gbit DDR2 SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
1-Gbit Double-Data-Rate-Two SDRAM
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
1-Gbit GDDR3 Graphics SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
1 Gbit SDRAM
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
SAM9X60 MICROCHIP-SAM9X60 Datasheet
759Kb / 40P
SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com