Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5E1E3 Datasheet (PDF) - STMicroelectronics

SR5E1E3 Datasheet PDF - STMicroelectronics
Part # SR5E1E3
Download  SR5E1E3 Download
File Size   6358.37 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SR5 E1 line of Stellar electrification MCUs — 32-bit Arm® Cortex®‑M7 automotive MCU 2x cores, 300 MHz, 2 MB flash, rich analog

SR5E1E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR5E1E3 Datasheet PDF - STMicroelectronics

Part # SR5E1E3
Download  SR5E1E3 Click to download

File Size   6358.37 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SR5 E1 line of Stellar electrification MCUs — 32-bit Arm® Cortex®‑M7 automotive MCU 2x cores, 300 MHz, 2 MB flash, rich analog

SR5E1E3 Datasheet (HTML) - STMicroelectronics


SR5E1E3 Product details

Features
• AEC-Q100 automotive qualification on going
• SR5 high-performance analog MCUs offering:
– Digital and analog high-frequency control requested by new widebandgap
technologies (silicon carbide and gallium nitride)
– Superior real-time and functional safety performance (ASIL-D capability)
– Built-in fast and cost-optimized OTA (over-the-air) reprogramming
capability (with built-in dual-image storage)
– High-speed security cryptographic services (HSM)
Cores
• 2× 32-bit Arm® Cortex®‑M7 with double-precision FPU, L1 cache and DSP
instructions running at up to 300 MHz to reach 1284 DMIPS/2.14 DMIPS/MHz/
Core (Dhrystone 2.1)
– Split-lock configuration, allowing either 2 cores in parallel or 1 core in
lockstep configuration
• 2 DMA engines in lockstep configuration
Memories
• Up to 2 MB on-chip flash memory with read while write support
– 1920 KB code flash memory split in two banks allowing 960 KB OTA
reprogramming support
– 160 KB HSM dedicated code flash memory
• 96 KB data flash memory (64 KB + 32 KB dedicated to HSM)
• 488 KB on-chip general-purpose SRAM:
– 2× 32 KB instruction TCM + 2× 64 KB data TCM
– 256 KB system RAM
– 40 KB HSM dedicated system RAM
Security: hardware security module (HSM)
• On-chip high-performance security module with EVITA medium support with
dedicated RAM and flash memory
• Based on Cortex®‑M0+ core running at up to 150 MHz
• Hardware accelerator for symmetric cryptography




Similar Part No. - SR5E1E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SR5E1E3 STMICROELECTRONICS-SR5E1E3 Datasheet
6Mb / 98P
SR5 E1 line of Stellar electrification MCUs
02-Oct-2024
SR5E1E3 STMICROELECTRONICS-SR5E1E3_V01 Datasheet
6Mb / 98P
SR5 E1 line of Stellar electrification MCUs
02-Oct-2024
More results


Similar Description - SR5E1E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H725XE STMICROELECTRONICS-STM32H725XE Datasheet
3Mb / 283P
Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
07-Dec-2021
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
04-Mar-2022
STM32H7A3XI STMICROELECTRONICS-STM32H7A3XI Datasheet
7Mb / 237P
32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
04-May-2021
logo
Infineon Technologies A...
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
XMC7200 INFINEON-XMC7200 Datasheet
2Mb / 189P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. B 2022-10-21
logo
STMicroelectronics
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com