Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISFM1146 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISFM1146 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISFM1146
Download  ISFM1146 Download
File Size   572.34 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

ISFM1146 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISFM1146 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISFM1146
Download  ISFM1146 Click to download

File Size   572.34 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

ISFM1146 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISFM1146 Product details

FEATURES
· Drain Current -ID= -210A@ TC=25℃
· Drain Source Voltage -VDSS= -100V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 7.5mΩ(Max)@VGS= -10V
· Fast-recovery body diode
APPLICATIONS
· DC Choppers
· Automatic Test Equipment
· Battery Charger Applications




Similar Part No. - ISFM1146

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISFM1131 ISC-ISFM1131 Datasheet
543Kb / 3P
N-Channel MOSFET
ISFM1138 ISC-ISFM1138 Datasheet
562Kb / 3P
N-Channel MOSFET
ISFM1173 ISC-ISFM1173 Datasheet
524Kb / 3P
N-Channel MOSFET Transistor
ISFM1174 ISC-ISFM1174 Datasheet
515Kb / 3P
N-Channel MOSFET Transistor
ISFM1194 ISC-ISFM1194 Datasheet
604Kb / 3P
N-Channel MOSFET Transistor
More results


Similar Description - ISFM1146

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com