Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBV-250S012SV Datasheet (PDF) - Inventronics Inc.

EBV-250S012SV Datasheet PDF - Inventronics Inc.
Part # EBV-250S012SV
Download  EBV-250S012SV Download
File Size   613.54 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 250W Constant Voltage IP67 Driver

EBV-250S012SV Datasheet (PDF)

Go To PDF Page Download Datasheet
EBV-250S012SV Datasheet PDF - Inventronics Inc.

Part # EBV-250S012SV
Download  EBV-250S012SV Click to download

File Size   613.54 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 250W Constant Voltage IP67 Driver

EBV-250S012SV Datasheet (HTML) - Inventronics Inc.


EBV-250S012SV Product details

Features
Description
The EBV-250SxxxSV series is a 250W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (up to 93.5%)
 Constant Voltage Output
 Input Surge Protection: 4kV line-line, 6kV line-earth
 All-Around Protection: OCP, OVP, SCP, OTP
 Waterproof (IP67)
 SELV Output
 Independent Design
 5 Years Warranty




Similar Part No. - EBV-250S012SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBV-200S012SV INVENTRONICS-EBV-200S012SV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
EBV-200S024SV INVENTRONICS-EBV-200S024SV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
EBV-200S036SV INVENTRONICS-EBV-200S036SV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
EBV-200S048SV INVENTRONICS-EBV-200S048SV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
EBV-200SXXXSV INVENTRONICS-EBV-200SXXXSV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
More results


Similar Description - EBV-250S012SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-200SXXXSV INVENTRONICS-DS-EBV-200SXXXSV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXST INVENTRONICS-EUV-250SXXXST Datasheet
443Kb / 9P
250W Constant Voltage IP67 Driver
Rev. M
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com