Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBV-200S012SV Datasheet (PDF) - Inventronics Inc.

EBV-200S012SV Datasheet PDF - Inventronics Inc.
Part # EBV-200S012SV
Download  EBV-200S012SV Download
File Size   682.44 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Constant Voltage IP67 Driver

EBV-200S012SV Datasheet (PDF)

Go To PDF Page Download Datasheet
EBV-200S012SV Datasheet PDF - Inventronics Inc.

Part # EBV-200S012SV
Download  EBV-200S012SV Click to download

File Size   682.44 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Constant Voltage IP67 Driver

EBV-200S012SV Datasheet (HTML) - Inventronics Inc.


EBV-200S012SV Product details

Features
Description
The EBV-200SxxxSV series is a 200W, constant-voltage, the LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for architectural lighting, decorative lighting, signage lighting and similar
applications requiring industry safety compliance, superior electrical performance and robust packaging for
challenging environments. The high efficiency of the driver and compact metal case enables them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (up to 93.5%)
 Constant Voltage Output
 Input Surge Protection: 4kV line-line, 6kV line-earth
 All-Around Protection: OCP, OVP, SCP, OTP
 Waterproof (IP67)
 SELV Output
 Independent Design
 5 Years Warranty




Similar Part No. - EBV-200S012SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBV-250S012SV INVENTRONICS-EBV-250S012SV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EBV-250S024SV INVENTRONICS-EBV-250S024SV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EBV-250S036SV INVENTRONICS-EBV-250S036SV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EBV-250S048SV INVENTRONICS-EBV-250S048SV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EBV-250SXXXSV INVENTRONICS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
More results


Similar Description - EBV-200S012SV

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-200 MEANWELL-HBG-200_19 Datasheet
2Mb / 9P
200W Constant Voltage Constant Current LED Driver
NPF-200 MEANWELL-NPF-200 Datasheet
997Kb / 7P
200W Constant VoltageConstant Current LED Driver
logo
Inventronics Inc.
EUV-200SXXXST INVENTRONICS-EUV-200SXXXST Datasheet
681Kb / 11P
200W Constant Voltage IP67 Driver
Rev. R
EUV-200SXXXSV INVENTRONICS-EUV-200SXXXSV Datasheet
738Kb / 11P
200W Constant Voltage IP67 Driver
Rev. S
EUD-200SXXXDTST-00A0 INVENTRONICS-EUD-200SXXXDTST-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
EBC-200SXXXSV-000X INVENTRONICS-EBC-200SXXXSV-000X Datasheet
874Kb / 8P
200W Constant Current IP67 Driver
Rev. D
EUC-200PXXXDT INVENTRONICS-EUC-200PXXXDT Datasheet
973Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev.L
EUC-200PXXXDV INVENTRONICS-EUC-200PXXXDV Datasheet
959Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev. L
EUC-200SXXXDT INVENTRONICS-EUC-200SXXXDT Datasheet
582Kb / 14P
200W Constant Current IP67 Driver
Rev. F
EUC-200SXXXDV INVENTRONICS-EUC-200SXXXDV Datasheet
534Kb / 12P
200W Constant Current IP67 Driver
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com