Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89567HCPFV Datasheet (PDF) - fujitsu semiconductor

MB89567HCPFV Datasheet PDF - fujitsu semiconductor
Part # MB89567HCPFV
Download  MB89567HCPFV Download
File Size   985.99 Kbytes
Page   52 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller CMOS

MB89567HCPFV Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89567HCPFV Datasheet PDF - fujitsu semiconductor

Part # MB89567HCPFV
Download  MB89567HCPFV Click to download

File Size   985.99 Kbytes
Page   52 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller CMOS

MB89567HCPFV Datasheet (HTML) - fujitsu semiconductor


MB89567HCPFV Product details

■ DESCRIPTION
The MB89560H series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the microcontroller contains a variety of peripheral functions such as I2C interface, timers, 2 ch PWM timers, 8/16-bit timer, 21bit timebase timer, 8 bit PWC timer , 17-bit Watch prescaler, Watch-dog timer, High speed UART, 8-bit SIO, UART/SIO, LCD controller/driver (optional booster), Two type Programmable Pulse Generators (PPG), an A/D converter, and external interrupt.

■ FEATURES
• F2MC-8L family CPU core
• Low-voltage operation (when an A/D converter is not used)
• Low current consumption (applicable to the dual-clock system)
• Minimum execution time: 0.32 µs at 12.5 MHz
• I2C interface circuit
• LCD controller/driver : 24 segments x 4 commons (max. 96 pixels, duty LCD mode and Static LCD mode)
• LCD booster function (option)
• Wild register (max. 6 different address locations)
• 10-bit A/D converter: 8 channels
• Three types of Serial Interface:
    High Speed UART (Transfer rate from 300 to 192000 bps /10 MHz main clock)
    8-bit Serial I/O (SIO)
    UART/SIO
• Two type of Programmable Pulse Generator(PPG) : 6-bit PPG and 12-bit PPG
• Six types of timer
    8 bit PWM 2 channels timers
    8/16 bit timer/counter (8 bits x 2 channels or 16 bits x 1 channel)
    21bit timebase timer
    8 bit PWC timer operation
    Watch prescaler(17 bits)
    Watch-dog timer
• I/O ports: max. 50 channels
• External interrupt 1: 8 channels
• External interrupt 2 (wake-up function): 4 channels
• Low-power consumption modes (stop mode, sleep mode, and watch mode)
• LQFP-80 and QFP-80 package
• CMOS technology




Similar Part No. - MB89567HCPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89567A FUJITSU-MB89567A Datasheet
424Kb / 60P
8-bit Proprietary Microcontroller CMOS
MB89567AC FUJITSU-MB89567AC Datasheet
424Kb / 60P
8-bit Proprietary Microcontroller CMOS
MB89567ACPF FUJITSU-MB89567ACPF Datasheet
424Kb / 60P
8-bit Proprietary Microcontroller CMOS
MB89567ACPFM FUJITSU-MB89567ACPFM Datasheet
424Kb / 60P
8-bit Proprietary Microcontroller CMOS
MB89567ACPFV FUJITSU-MB89567ACPFV Datasheet
424Kb / 60P
8-bit Proprietary Microcontroller CMOS
More results


Similar Description - MB89567HCPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
8-bit Proprietary Microcontroller CMOS
MB89560A FUJITSU-MB89560A Datasheet
424Kb / 60P
8-bit Proprietary Microcontroller CMOS
MB89490 FUJITSU-MB89490_03 Datasheet
564Kb / 57P
8-bit Proprietary Microcontroller CMOS
MB89143A FUJITSU-MB89143A_01 Datasheet
284Kb / 31P
8-bit Proprietary Microcontroller CMOS
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com