Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89181 Datasheet (PDF) - fujitsu semiconductor

MB89181 Datasheet PDF - fujitsu semiconductor
Part # MB89181
Download  MB89181 Download
File Size   321.96 Kbytes
Page   50 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89181 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89181 Datasheet PDF - fujitsu semiconductor

Part # MB89181
Download  MB89181 Click to download

File Size   321.96 Kbytes
Page   50 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89181 Datasheet (HTML) - fujitsu semiconductor


MB89181 Product details

■DESCRIPTION

The MB89180 series has been developed as a general-purpose version of the F2MC*-8L family consisting of

proprietary 8-bit, single-chip microcontrollers.

In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as

dual-clock control system, five operating speed control stages, timers, a serial interface, a remote control

transmission output, external interrupts, an LCD controller/driver, and a watch prescaler.



■FEATURES

• F2MC-8L family CPU core

• Dual-clock control system

• High speed operation at low voltage

• Minimum execution time: 0.95 µs/2.7 V, 1.33 µs/2.2 V

• I/O ports: max. 64 channels

• 21-bit time-base timer

• 8/16-bit timer/counter: 1 channel (8 bits ×2 channels)

• 8-bit serial I/O: 1 channel

• LCD controller/driver: max. 32 segments outputs ×4 commons

• Remote control transmission output

• Buzzer output

• Watch prescaler (15 bits)

• External interrupts (wake-up function)

  Four independent channels with edge detection function plus eight “L” level-interrupt channels




Similar Part No. - MB89181

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
317Kb / 50P
8-bit Proprietary Microcontroller
MB89181FM FUJITSU-MB89181FM Datasheet
317Kb / 50P
8-bit Proprietary Microcontroller
MB89181PF FUJITSU-MB89181PF Datasheet
317Kb / 50P
8-bit Proprietary Microcontroller
MB89181PFV FUJITSU-MB89181PFV Datasheet
317Kb / 50P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89181

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89160 FUJITSU-MB89160 Datasheet
845Kb / 53P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com