Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903BYDT Datasheet (PDF) - STMicroelectronics

LM2903BYDT Datasheet PDF - STMicroelectronics
Part # LM2903BYDT
Download  LM2903BYDT Download
File Size   963.42 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power dual voltage comparator

LM2903BYDT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2903BYDT Datasheet PDF - STMicroelectronics

Part # LM2903BYDT
Download  LM2903BYDT Click to download

File Size   963.42 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power dual voltage comparator

LM2903BYDT Datasheet (HTML) - STMicroelectronics


LM2903BYDT Product details

Description
The LM2903B consists of two independent low-power voltage comparators designed
specifically to operate from a single supply over a wide range of voltages. It is fully
specified at 5 V and 36 V supply voltage operation, however operation from dual
power supplies is also possible.
The B-grade version of the LM2903 comparators offers an increased maximum
operating voltage of 40 V and improved electrical characteristics.

Features
• Wide single supply voltage range or dual supplies +2 V to +36 V or ±1 V to
±18 V
• Very low supply current 0.5 mA typ., essentially independent of supply voltage
• Low input bias current: 20 nA typ.
• Low input offset current: ±5 nA typ.
• Input common-mode voltage range includes negative rail
• Low output saturation voltage: 250 mV typ. (Iout = 4 mA)
• TTL, DTL, ECL, MOS, CMOS compatible outputs
• Automotive qualification

Applications
• Level shifters
• Sampling circuits
• Peak & zero crossing detectors
• Threshold detectors
• Automotive




Similar Part No. - LM2903BYDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903B TI1-LM2903B Datasheet
1Mb / 40P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903B TI1-LM2903B Datasheet
1Mb / 46P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903B TI1-LM2903B Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903B TI-LM2903B Datasheet
2Mb / 49P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903B TI-LM2903B Datasheet
1Mb / 33P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results


Similar Description - LM2903BYDT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
Low power dual voltage comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
Low-power dual voltage comparator
18-Jan-2012
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
Low-power dual voltage comparator
08-Sep-2021
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
Low power dual voltage comparator
ver.10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com