Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM393C Datasheet (PDF) - New Japan Radio

NJM393C Datasheet PDF - New Japan Radio
Part # NJM393C
Download  NJM393C Download

File Size   441.17 Kbytes
Page   7 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low power dual voltage comparator

NJM393C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM393C Datasheet PDF - New Japan Radio

Part # NJM393C
Download  NJM393C Click to download

File Size   441.17 Kbytes
Page   7 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low power dual voltage comparator

NJM393C Datasheet (HTML) - New Japan Radio

NJM393C Datasheet HTML 1Page - New Japan Radio NJM393C Datasheet HTML 2Page - New Japan Radio NJM393C Datasheet HTML 3Page - New Japan Radio NJM393C Datasheet HTML 4Page - New Japan Radio NJM393C Datasheet HTML 5Page - New Japan Radio NJM393C Datasheet HTML 6Page - New Japan Radio NJM393C Datasheet HTML 7Page - New Japan Radio

NJM393C Product details

Features
• Wide single supply voltage range or dual supplies
+2V to +36V or ±1V to ±18V
• Very low supply current : 0.45mA typ. at Vcc+=5V
• Low input bias current: 20nA typ.
• Input common-mode voltage range includes ground
• Low output saturation voltage: 80mV typ. (Isink = 4mA)
• Differential input voltage range equal to the supply voltage: ±36V
• TTL, DTL, ECL, MOS, CMOS compatible outputs
• Internal ESD protection Human body model (HBM) ±2000V typ.
• Input Offset Voltage Grade

Description
The NJM393C/NJM393CA consist of two independent low power voltage comparators designed specifically to operate from a single
supply over a wide range of voltages. Operation from split power supplies is also possible.
These comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though
operated from a single power supply voltage.




Similar Part No. - NJM393C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
NJM390AF NJRC-NJM390AF Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
NJM390AF3 NJRC-NJM390AF3 Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
NJM391A NJRC-NJM391A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
NJM391AF NJRC-NJM391AF Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
More results


Similar Description - NJM393C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com