Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0255_0455 Datasheet (PDF) - Renesas Technology Corp

9DBL0255_0455 Datasheet PDF - Renesas Technology Corp
Part # 9DBL0255_0455
Download  9DBL0255_0455 Download
File Size   805.18 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS

9DBL0255_0455 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBL0255_0455 Datasheet PDF - Renesas Technology Corp

Part # 9DBL0255_0455
Download  9DBL0255_0455 Click to download

File Size   805.18 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS

9DBL0255_0455 Datasheet (HTML) - Renesas Technology Corp


9DBL0255_0455 Product details

Description
The 9DBL0255/9DBL0455 are 2 and 4-output PCIe Clock fan-out
buffers for PCIe Gen1–5 applications. Both parts have an open
drain Loss of Signal (LOS) output to indicate the absence or
presence of an input clock. The LOS circuit also implements
Automatic Clock Parking (ACP) to cleanly park the outputs
low/low when the input clock goes away. The devices implement
several additional features to aid robust designs. Flexible Power
Sequencing (FPS) ensures well-defined behavior under various
power up scenarios, while Power Down Tolerant (PDT) ESD
protection allows input pins to be driven before VDD is applied.
The 9DBL0255/9DBL0455 are spread-spectrum compatible and
provide direct connection to 85Ω transmission lines. They can also
be used in 100Ω environments with simple external series
resistors

Typical Applications
▪ PCIe clock distribution in:
• PCIe Riser Cards
• NVME eSSD and JBOD
• High-Performance Computing and Accelerators

Features
▪ FPS: VDD may be applied with floating input clock, or input
clock may be driven before VDD is applied
▪ ACP: Outputs automatically park low/low when LOS occurs
and cleanly start when LOS is removed
▪ PDT: Input pins may be driven before VDD is applied and will
not damage the device
▪ 2 or 4 Low-power HCSL (LP-HCSL) DIF pairs
▪ 85Ω loads require 0 termination resistors
▪ 100Ω loads require only 2 series resistors per output
▪ OE# pin for each output
▪ Spread-spectrum tolerant
▪ Industrial temperature range (-40°C to +85°C)
▪ Space saving 3 × 3 mm 16-VFQFPN (9DBL0255)
▪ Space saving 4 × 4 mm 20-VFQFPN (9DBL0455)
▪ Easy AC-coupling to other logic families. See application note
AN-891.




Similar Part No. - 9DBL0255_0455

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBL0255NLGI RENESAS-9DBL0255NLGI Datasheet
747Kb / 16P
2 and 4-Output 3.3V PCIe Gen1–7 Clock Fanout Buffers with LOS
March 5, 2025
9DBL0255NLGI8 RENESAS-9DBL0255NLGI8 Datasheet
747Kb / 16P
2 and 4-Output 3.3V PCIe Gen1–7 Clock Fanout Buffers with LOS
March 5, 2025
More results


Similar Description - 9DBL0255_0455

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0541 IDT-9DBU0541_17 Datasheet
218Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com