Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI52254 Datasheet (PDF) - Skyworks Solutions Inc.

SI52254 Datasheet PDF - Skyworks Solutions Inc.
Part # SI52254
Download  SI52254 Download

File Size   485.67 Kbytes
Page   31 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4/8-Output PCIe Gen1/2/3/4/5 Clock Generator

SI52254 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI52254 Datasheet PDF - Skyworks Solutions Inc.

Part # SI52254
Download  SI52254 Click to download

File Size   485.67 Kbytes
Page   31 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4/8-Output PCIe Gen1/2/3/4/5 Clock Generator

SI52254 Datasheet (HTML) - Skyworks Solutions Inc.


SI52254 Product details

KEY FEATURES
• 8/4-outputs with internal termination
• PCIe Gen 1/2/3/4/5 compliant
• Automotive grade 2: –40 to +105 °C
• Internal 100 Ω or 85 Ω line matching
• Excellent jitter performance
• 0.05 ps RMS (Gen3/4)
• 0.025 ps RMS (Gen5)
• Triangular spread spectrum for EMI
reduction, down spread 0.25% or 0.5%
• Individual hardware control pins for Output
Enable, Spread Spectrum Enable
• Enable and Frequency Select
• 25 MHz crystal input or clock input
• 1.8–3.3 V power supply
• Pb-free, RoHS-6 compliant




Similar Part No. - SI52254

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si52202 SILABS-Si52202 Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
SI52202 SILABS-SI52202 Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
logo
Skyworks Solutions Inc.
SI52202 SKYWORKS-SI52202 Datasheet
1Mb / 56P
   PCI-Express Gen 1 to Gen 6 and SRIS Clock Generator
Revision A May 18, 2023
logo
Silicon Laboratories
Si52202-A01AGM SILABS-Si52202-A01AGM Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
Si52202-A01AGMR SILABS-Si52202-A01AGMR Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
More results


Similar Description - SI52254

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
   8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_17 Datasheet
261Kb / 17P
   8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
9FGU0431 IDT-9FGU0431_16 Datasheet
198Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
   2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com