Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP5231 Datasheet (PDF) - Toshiba Semiconductor

TLP5231 Datasheet PDF - Toshiba Semiconductor
Part # TLP5231
Download  TLP5231 Download
File Size   1747.79 Kbytes
Page   30 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP5231 Datasheet PDF - Toshiba Semiconductor

Part # TLP5231
Download  TLP5231 Click to download

File Size   1747.79 Kbytes
Page   30 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5231 Datasheet (HTML) - Toshiba Semiconductor


TLP5231 Product details

Applications
• IGBT Gate Drivers
• MOSFET Gate Drivers
• Industrial Inverters
• AC Servos
• Photovoltaic (PV) Power Conditioning Systems
• Air Conditioner Inverters

General
The TLP5231 is a 2.5 A dual-output IGBT gate pre-drive photocoupler including highly integrated multi-functional
IC that is housed in SO16L package having a long creepage and clearance. This photocoupler is suitable as a predriver
to driver power devices via external p- and n- channel MOSFET as buffers.
The smart gate driver photocoupler includes functions of IGBT/power MOSFET desaturation detection, isolated
fault status feedback, configurable soft gate turn-off, and under voltage lockout (UVLO).
The TLP5231 consists of two infrared light-emitting diodes (LEDs) and two high-gain and high-speed lightreceiving
IC chips. Thereby, they realize the control of output current and the feedback function of the fault signal
while keeping a insulation between a primary side and secondary side electrically.

Features
(1) Output peak current: ±2.5 A (max)
(2) Operating temperature: -40 to 110 
(3) Threshold input current: 3.5 mA (max)
(4) Propagation delay time: 300 ns (max)
(5) Common-mode transient immunity: ±25 kV/μs (min)
(6) Isolation voltage: 5000 Vrms (min)
(7) Dual output drive for external complementary type MOS buffer.
(8) Under Voltage Lock-Out protection for positive and negative gate power supply.
(9) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory




Similar Part No. - TLP5231

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP523 TOSHIBA-TLP523 Datasheet
218Kb / 7P
Programmable Controllers DC?뭀utput Module Solid State Relay
TLP523-2 TOSHIBA-TLP523-2 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP523-2 TOSHIBA-TLP523-2 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
More results


Similar Description - TLP5231

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com