Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP5222 Datasheet (PDF) - Toshiba Semiconductor

TLP5222 Datasheet PDF - Toshiba Semiconductor
Part # TLP5222
Download  TLP5222 Download
File Size   2982.13 Kbytes
Page   25 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5222 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP5222 Datasheet PDF - Toshiba Semiconductor

Part # TLP5222
Download  TLP5222 Click to download

File Size   2982.13 Kbytes
Page   25 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Infrared LED & Photo IC

TLP5222 Datasheet (HTML) - Toshiba Semiconductor


TLP5222 Product details

Applications
• Isolated gate drive for IGBT / Power MOSFET
• Industrial Inverters
• AC Servos
• Photovoltaic (PV) Inverters
• Uninterruptible Power Supply (UPS)

General
The TLP5222 is a highly integrated and multi-functional gate driver photocoupler with 2.5 A output current housed in a long creepage and clearance SO16L package.
The TLP5222, a smart gate driver photocoupler, includes functions of desaturation detection, isolated FAULT status feedback, soft gate turn-off, active Miller clamp, under voltage lockout (UVLO) and automatic FAULT status reset.
The TLP5222 consists of two infrared light-emitting diodes (LEDs) and two high-gain and high-speed photo-detector ICs. They realize high current, high-speed output control and FAULT status feedback with electrical isolation between a primary side and secondary side.

Features
(1) Peak output current : ± 2.5 A (max)
(2) Operating temperature : − 40 to 110 °C
(3) Power supply voltage : 15 to 30 V
(4) Threshold input current : 6 mA (max)
(5) Supply current : 5 mA (max)
(6) Propagation delay time : 250 ns (max)
(7) DESAT leading edge blanking time : 1.4 μs (typ.)
(8) DESAT mute time : 25.5 μs(typ.)
(9) Common-mode transient immunity : ± 25 kV/μs (min)
(10) Isolation voltage : 5000 Vrms (min)
(11) Safety standards
UL approved : UL1577, File No. E67349
cUL approved : CSA Component Acceptance Service No. 5A File No. E67349
VDE approved : EN 60747-5-5, EN 62368-1 (Note 1)
CQC approved : GB4943.1, GB8898 Japan Factory




Similar Part No. - TLP5222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521 TOSHIBA-TLP521 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
logo
List of Unclassifed Man...
TLP521 ETC-TLP521 Datasheet
74Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521 ISOCOM-TLP521 Datasheet
76Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP521 ISOCOM-TLP521 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Guangdong Youtai Semico...
TLP521 UMW-TLP521 Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results


Similar Description - TLP5222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP5754 TOSHIBA-TLP5754 Datasheet
1,017Kb / 18P
Photocouplers Infrared LED & Photo IC
2019-12-22 Rev.9.0
TLP5754H TOSHIBA-TLP5754H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5771H TOSHIBA-TLP5771H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com