Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU3 Datasheet (PDF) - Littelfuse

TRU3 Datasheet PDF - Littelfuse
Part # TRU3
Download  TRU3 Download
File Size   491.49 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Multifunction

TRU3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRU3 Datasheet PDF - Littelfuse

Part # TRU3
Download  TRU3 Click to download

File Size   491.49 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Multifunction

TRU3 Datasheet (HTML) - Littelfuse


TRU3 Product details

Description
The TRU Series is a multifunction, knob adjustable, Universal
Time Delay Relay. It includes six of the most popular timing
functions selected by a slide switch. The time delay is knob
adjustable and the time delay range is switch selectable.
The repeat accuracy is + 0.1%. Both function and time range
can be selected on the top face of the unit. In addition to
multifunctioning and multiple time ranges, the TRU Series
features universal input voltage; 19 to 264VAC and 19 to 30VDC
and full 10A output relay. The TRU Series can directly replace up
to 1000 competitive time delay relay models.
Operation
A six position slide switch selects delay-on-make, interval,
single shot, recycling (ON time first, equal recycle delays),
delay-on-break, and retriggerable single shot. 8-pin DPDT
base wiring is limited to delay-on-make, interval, and recycling
functions. All six functions are available in the 8-pin SPDT and
11-pin DPDT versions.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.1% or + / - 20ms, whichever
is greater
time ranges
0.1s to 1,000m) Broad range will satisfy most requirements
Knob adjustable
time delay
Allows user to fine tune time delay based on
application needs
Universal input voltage Makes it versatile for use in most applications
Multifunction Provides the most common standard
timing functions
LED Indicators Provide visual indication of input voltage and
relay status
10A isolated
output contacts Allows control of loads for AC or DC voltages




Similar Part No. - TRU3

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
2.92mm(f) to 2.92mm(m) R/A ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
More results


Similar Description - TRU3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393124-7 MACOM-1-1393124-7 Datasheet
50Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
CNT MACOM-CNT Datasheet
58Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com