Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU-11224 Datasheet (PDF) - Winchester Electronics Corporation

TRU-11224 Datasheet PDF - Winchester Electronics Corporation
Part # TRU-11224
Download  TRU-11224 Download

File Size   32.14 Kbytes
Page   1 Pages
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation
Description CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER

TRU-11224 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRU-11224 Datasheet PDF - Winchester Electronics Corporation

Part # TRU-11224
Download  TRU-11224 Click to download

File Size   32.14 Kbytes
Page   1 Pages
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation
Description CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER

TRU-11224 Datasheet (HTML) - Winchester Electronics Corporation




Similar Part No. - TRU-11224

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
   2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
   2.92mm(f) to 2.92mm(m) R/A ADAPTER
More results


Similar Description - TRU-11224

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
   CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-12583 WINCHESTER-TRU-12583 Datasheet
80Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(f) to 2.92mm(f) BKHD ADAPTER
TRU-13017 WINCHESTER-TRU-13017 Datasheet
80Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(f) to N(f) ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-7407-GPX WINCHESTER-TRU-7407-GPX Datasheet
295Kb / 1P
   CONNECTOR, COAXIAL, RF 2.4mm(f) TO k(f) ADAPTER, STRAIGHT
TRU-11256 WINCHESTER-TRU-11256 Datasheet
56Kb / 1P
   CONNECTOR, COAXIAL 2.4mm(m) to SMA(f) ADAPTER
TRU-13018 WINCHESTER-TRU-13018 Datasheet
79Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(m) to N(f) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
   2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-9738-GPX WINCHESTER-TRU-9738-GPX Datasheet
287Kb / 1P
   CONNECTOR, COAXIAL, RF K(F) to 2.4mm(M) ADAPTER, STRAIGHT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com