Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48636 Datasheet (PDF) - Littelfuse

48636 Datasheet PDF - Littelfuse
Part # 48636
Download  48636 Download
File Size   734.38 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ ELECTRONIC TIMER FOR INTERIOR LIGHTING

48636 Datasheet (PDF)

Go To PDF Page Download Datasheet
48636 Datasheet PDF - Littelfuse

Part # 48636
Download  48636 Click to download

File Size   734.38 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ ELECTRONIC TIMER FOR INTERIOR LIGHTING

48636 Datasheet (HTML) - Littelfuse


48636 Product details

Description
Perfect for use on delivery vehicles, utility vehicles, trailers
or straight trucks. Gives programmed warnings to vehicle
operator prior to lighting shutdown. Factory programmable
unit is highly versatile: a broad range of time and warning
presets to match any special application.

Features and Benefits
• Automatically turns interior lights off – protects starting
batteries by eliminating the problem of lights left on
overnight. No more jump starts!
• Provides a series of increasingly urgent warnings within
the cargo compartment, before lights turn off – gives the
driver the option to reset or exit the work area.
• 10A rating – works with bright lighting systems.
• Auto-ranging to automatically sense the voltage of the
system (12 or 24V) and selects the presets appropriate to
that voltage.
• Waterproof, dustproof and vibration-proof. Sealed to IP67
so it can mount on a vehicle even in places where roadsplash
is a problem.
• Ultra low 1mA standby current means minimal battery
drain – especially valuable when vehicle is in storage or not
in use.
• Factory programmable unit is highly versatile: with a broad
range of presets available to match any special application.
• Rated for more than 1,000,000 on-off cycles – unit
operates for the lifetime of the vehicle. Solid state
technology gives long life and low maintenance.
• Compact design (4 x 3 x 1”) – Uses less space; mounts
outside or inside. Saves money by eliminating other
hardware, and provides better wire routing




Similar Part No. - 48636

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4863 ETC2-4863 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
4863 ETC2-4863 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Rakon Limited
4863 RAKON-4863 Datasheet
291Kb / 2P
Monolithic Crystal Filter
23 September 2024
logo
ShenZhen ChipSourceTek ...
4863 CHIPSOURCETEK-4863 Datasheet
785Kb / 13P
Dual bridge audio amplifier IC
V1.1
4863M CHIPSOURCETEK-4863M Datasheet
785Kb / 13P
Dual bridge audio amplifier IC
V1.1
More results


Similar Description - 48636

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
Automotive Interior Lighting
logo
Littelfuse
48541 LITTELFUSE-48541 Datasheet
786Kb / 4P
FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com