Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

48541 Datasheet (PDF) - Littelfuse

48541 Datasheet PDF - Littelfuse
Part No. 48541
Download  48541 Click to view

File Size   786.7 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER

48541 Datasheet (PDF)

Go To PDF Page Download Datasheet
48541 Datasheet PDF - Littelfuse

Part No. 48541
Download  48541 Click to view

File Size   786.7 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER

48541 Datasheet (HTML) - Littelfuse

48541 Datasheet HTML 1Page - Littelfuse 48541 Datasheet HTML 2Page - Littelfuse 48541 Datasheet HTML 3Page - Littelfuse 48541 Datasheet HTML 4Page - Littelfuse

48541 Product details

Description
Monitors both battery voltage and ignition status, shutting
down non-critical loads when the cutoff voltage is reached, or
at the set time after the ignition is turned off. It is a timer and
voltage sensor in one easy-to-connect unit. If either the cutoff
voltage or time limit is reached, the FlexMod will shut down
the auxiliary loads, providing double protection.

Features and Benefits
• Preserves starting power; eliminates downtime and jump
starts due to dead batteries. Simultaneous time and voltage
monitoring protects starting.
• Monitors voltage and time simultaneously, providing double
the protection to batteries. Battery will not be drained if
battery voltage gets low before timer has run out.
• Auto-ranging to automatically sense the voltage of the
system (12 or 24V) and selects the presets appropriate to
that voltage.
• Waterproof, dustproof and vibration-proof. Sealed to IP67
so it can mount on a vehicle even in places where roadsplash
is a problem.
• Ultra low 1mA standby current means minimal battery
drain – especially valuable when vehicle is in storage or not
in use.
• Factory programmable unit is highly versatile: with a broad
range of presets available to match any special application.
• Rated for more than 1,000,000 on-off cycles – unit
operates for the lifetime of the vehicle. Solid state
technology gives long life and low maintenance.
• Compact design (4 x 3 x 1”) – Uses less space; mounts
outside or inside. Saves money by eliminating other
hardware, and provides better wire routing



Similar Part No. - 48541

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4854 ETC2-4854 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
4854 ETC2-4854 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
Littelfuse
Littelfuse
48540 LITTELFUSE-48540 Datasheet
721Kb / 4P
   FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
48540-01-BX LITTELFUSE-48540-01-BX Datasheet
721Kb / 4P
   FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
48540-BX LITTELFUSE-48540-BX Datasheet
721Kb / 4P
   FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
More results

Similar Description - 48541

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
CT2A ETC-CT2A Datasheet
348Kb / 1P
   Electronic timer relay
TEMIC Semiconductors
TEMIC Semiconductors
U2101B TEMIC-U2101B Datasheet
139Kb / 9P
   Relay Timer
List of Unclassifed Manufacturers
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
   Current Sensing Relay
ETAL Group
ETAL Group
ESR10-N ETAL-ESR10-N Datasheet
270Kb / 6P
   Electronic Standard Relay
Pepperl+Fuchs Inc.
Pepperl+Fuchs Inc.
KFA6-DU-EX1.D PF-KFA6-DU-EX1.D Datasheet
857Kb / 5P
   Switch Amplifier, Timer Relay
KFD2-DU-EX1.D PF-KFD2-DU-EX1.D Datasheet
986Kb / 5P
   Switch Amplifier, Timer Relay
PHOENIX CONTACT
PHOENIX CONTACT
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
   Star/delta timer relay
Crydom Inc.,
Crydom Inc.,
DRTX24D06X CRYDOM-DRTX24D06X_17 Datasheet
1Mb / 7P
   Soild State Relay Timer
Pepperl+Fuchs Inc.
Pepperl+Fuchs Inc.
KFA5-DU-EX1.D PF-KFA5-DU-EX1.D Datasheet
1Mb / 5P
   Switch Amplifier, Timer Relay
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
286-604-004-000 WAGO-286-604-004-000 Datasheet
332Kb / 6P
   Timer relay module; Nominal input voltage: 24 VDC
286-640 WAGO-286-640 Datasheet
383Kb / 6P
   Timer relay module; Nominal input voltage: 24 VDC
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz