| Manufacturer | Part # | Datasheet | Description |
 Weidmuller |
1073420000
|
81Kb / 2P |
Electronics housings, CH20M transparent, Tilt cover, Width: 22.5 mm
|
|
1080630000
|
80Kb / 2P |
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
|
|
1104190000
|
82Kb / 2P |
Electronics housings, CH20M black, Hood, Width: 12.5 mm
|
|
1104420000
|
89Kb / 2P |
Electronics housings, CH20M black, Hood, Width: 45 mm
|
|
1139790000
|
73Kb / 2P |
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
|
|
1174280000
|
77Kb / 2P |
Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
|
|
2418640000
|
82Kb / 2P |
Electronics housings, CH20M black, Hood, Width: 22.5 mm
|
|
171529000
|
94Kb / 7P |
PCB Components and Housings for Electronics
|
|
1716060000
|
95Kb / 7P |
PCB Components and Housings for Electronics
|
 PHOENIX CONTACT |
107750
|
1Mb / 14P |
Universal electronics housings
2017-08-22 |