Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2418640000 Datasheet (PDF) - Weidmuller

2418640000 Datasheet PDF - Weidmuller
Part # 2418640000
Download  2418640000 Download

File Size   82.94 Kbytes
Page   2 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Electronics housings, CH20M black, Hood, Width: 22.5 mm

2418640000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2418640000 Datasheet PDF - Weidmuller

Part # 2418640000
Download  2418640000 Click to download

File Size   82.94 Kbytes
Page   2 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Electronics housings, CH20M black, Hood, Width: 22.5 mm

2418640000 Datasheet (HTML) - Weidmuller

2418640000 Datasheet HTML 1Page - Weidmuller 2418640000 Datasheet HTML 2Page - Weidmuller



Similar Part No. - 2418640000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2418600000 WEIDMULLER-2418600000 Datasheet
119Kb / 3P
   Electronics housings, CH20M black, Housing, black, Width: 6.1 mm
2418610000 WEIDMULLER-2418610000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Housing cover, black, Width: 5.2 mm
2418650000 WEIDMULLER-2418650000 Datasheet
94Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
More results


Similar Description - 2418640000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 45 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1139790000 WEIDMULLER-1139790000 Datasheet
73Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
2418650000 WEIDMULLER-2418650000 Datasheet
94Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1073420000 WEIDMULLER-1073420000 Datasheet
81Kb / 2P
   Electronics housings, CH20M transparent, Tilt cover, Width: 22.5 mm
2418600000 WEIDMULLER-2418600000 Datasheet
119Kb / 3P
   Electronics housings, CH20M black, Housing, black, Width: 6.1 mm
1174280000 WEIDMULLER-1174280000 Datasheet
77Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
1104450000 WEIDMULLER-1104450000 Datasheet
85Kb / 2P
   Electronics housings, CH20M black, Base with orange clip-in foot, Width: 22.5 mm
1104200000 WEIDMULLER-1104200000 Datasheet
81Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com