Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV210 Datasheet (PDF) - Nais(Matsushita Electric Works)

AQV210 Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQV210
Download  AQV210 Download
File Size   53.07 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description GU (General Use) Type [1-Channel (Form A) Type]

AQV210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV210 Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQV210
Download  AQV210 Click to download

File Size   53.07 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description GU (General Use) Type [1-Channel (Form A) Type]

AQV210 Datasheet (HTML) - Nais(Matsushita Electric Works)


AQV210 Product details

GU (General Use) Type [1-Channel (Form A) Type]



FEATURES

1. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion.

2. Control with low-level input signals

3. Controls various types of loads such as relays, motors, lamps and sole noids.

4. Optical coupling for extremely high isolation Unlike mechanical relays, the PhotoMOS relay combines LED and optoelectronic device to transfer signals using light for extremely high isolation.

5. Eliminates the need for a counter electromotive force protection diode in the drive circuits on the input side

6. Stable on resistance

7. Low-level off state leakage current

8. Eliminates the need for a power supply to drive the power MOSFET A power supply used to drive the power MOSFET is unnecessary because of the built-in optoelectronic device. This results

in easy circuit design and small PC board area.

9. Low thermal electromotive force (Approx. 1 µV)



TYPICAL APPLICATIONS

• High-speed inspection machines

• Telephone equipment

• Data communication equipment

• Computer




Similar Part No. - AQV210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV210 ETC-AQV210 Datasheet
165Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
logo
Panasonic Semiconductor
AQV210 PANASONIC-AQV210 Datasheet
123Kb / 4P
Controls low-level input signals. Controls load voltage 60V to 600V.
logo
List of Unclassifed Man...
AQV210A ETC-AQV210A Datasheet
165Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
logo
Panasonic Semiconductor
AQV210A PANASONIC-AQV210A Datasheet
123Kb / 4P
Controls low-level input signals. Controls load voltage 60V to 600V.
AQV210AX PANASONIC-AQV210AX Datasheet
123Kb / 4P
Controls low-level input signals. Controls load voltage 60V to 600V.
More results


Similar Description - AQV210

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
GU (General Use) Type [2-Channel (Form B) Type]
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
GU (General Use) Type [2-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
GU (General Use)-E Type 2-Channel (Form A) Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com