Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQY210HL Datasheet (PDF) - Nais(Matsushita Electric Works)

AQY210HL Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQY210HL
Download  AQY210HL Download

File Size   41.79 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type

AQY210HL Datasheet (PDF)

Go To PDF Page Download Datasheet
AQY210HL Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQY210HL
Download  AQY210HL Click to download

File Size   41.79 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type

AQY210HL Datasheet (HTML) - Nais(Matsushita Electric Works)

AQY210HL Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY210HL Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY210HL Datasheet HTML 3Page - Nais(Matsushita Electric Works)

AQY210HL Product details

FEATURES
1. Current Limit Function
   To control an over current from flowing,  the current limit function has been realized. It keeps an output current at a constant value when the current reaches a  specified current limit value.
2. Enhancing the capability of surge resistance between output terminals
   The current limit function controls the ON time surge current to enhance the capability of surge resistance between output  terminals.
3. Reinforced insulation 5,000 V type
   More than 0.4 mm internal insulation distance between inputs and outputs. Conforms to EN41003, EN60950 (reinforced  insulation).
4. Compact 4-pin DIP size
   The device comes in a compact  (W)6.4 × (L)4.78 × (H) 3.2mm (W).252× (L).188 × (H).126inch, 4-pin DIP size
5. Controls low-level analog signals
   PhotoMOS relays feature extremely low  closed-circuit offset voltage to enable  control of low-level analog signals without  distortion.
6. High sensitivity, low ON resistance
7. Low-level off state leakage current

TYPICAL APPLICATIONS
• Telephone equipment
• Modem




Similar Part No. - AQY210HL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
logo
Panasonic Semiconductor
AQY210EH PANASONIC-AQY210EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
logo
Nais(Matsushita Electri...
AQY210EHA NAIS-AQY210EHA Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
logo
Panasonic Semiconductor
AQY210EHA PANASONIC-AQY210EHA Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
More results


Similar Description - AQY210HL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com