| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NFVA35065L32
|
675Kb / 15P |
3?뭁hase 650 V, 50 A Automotive Smart Power Module
May, 2018 ??Rev. 2 |
|
NFAM2012L5BT
|
390Kb / 10P |
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0 |
|
NFVA25012NP2T
|
812Kb / 16P |
Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0 |
|
NFVA22512NP2T
|
896Kb / 16P |
ASPM34 Series Automotive 3-Phase 1200 V 25 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0 |
|
NFVA33065L32
|
893Kb / 14P |
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2 |
|
NFVA34065L32
|
889Kb / 14P |
3?뭁hase 650 V, 40 A Automotive Smart Power Module
November, 2018 ??Rev. 2 |
|
NFAM1012L5BT
|
346Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0 |
|
NFAM2012L5B
|
487Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0 |
|
NFAM0512L5BT
|
218Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0 |
|
NFAM3512L7B
|
734Kb / 16P |
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0 |