Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8550SS Datasheet (PDF) - List of Unclassifed Manufacturers

8550SS Datasheet PDF - List of Unclassifed Manufacturers
Part # 8550SS
Download  8550SS Download
File Size   389.72 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TO-92 Plastic-Encapsulate Transistors

8550SS Datasheet (PDF)

Go To PDF Page Download Datasheet
8550SS Datasheet PDF - List of Unclassifed Manufacturers

Part # 8550SS
Download  8550SS Click to download

File Size   389.72 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TO-92 Plastic-Encapsulate Transistors

8550SS Datasheet (HTML) - List of Unclassifed Manufacturers


8550SS Product details

[JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD]

TRANSISTOR( PNP )

FEATURES
   Power dissipation
      PCM : 1W ( Tamb=25℃)
   Collector current
      ICM: -1.5 A
   Collector-base voltage
      V(BR)CBO : - 40V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 8550SS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
8550SS WINNERJOIN-8550SS Datasheet
139Kb / 1P
TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
8550SS JIANGSU-8550SS Datasheet
513Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
8550SS DGNJDZ-8550SS Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
8550SS-C MCC-8550SS-C Datasheet
398Kb / 2P
PNP Silicon Transistors
8550SS-C MCC-8550SS-C Datasheet
755Kb / 4P
PNP Silicon Transistors
More results


Similar Description - 8550SS

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com