Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-6 Datasheet (PDF) - Tiger Electronic Co.,Ltd

MCR100-6 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # MCR100-6
Download  MCR100-6 Download

File Size   132.62 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description TO-92 Plastic-Encapsulate Transistors (TO-92)

MCR100-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR100-6 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # MCR100-6
Download  MCR100-6 Click to download

File Size   132.62 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description TO-92 Plastic-Encapsulate Transistors (TO-92)

MCR100-6 Datasheet (HTML) - Tiger Electronic Co.,Ltd

MCR100-6 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MCR100-6 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd

MCR100-6 Product details

Silicon Planar PNPN Thyristor

FEATURES
   Current-IGT: 200 µA
   ITRMS: 0.8 A
   VDRM: MCR100-6: 400 V
                MCR100-8: 600 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MCR100-6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100-6 MOTOROLA-MCR100-6 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
118Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
First Silicon Co., Ltd
MCR100-6 FS-MCR100-6 Datasheet
245Kb / 2P
   Silicon Planar PNPN Thyristor
logo
Unisonic Technologies
MCR100-6 UTC-MCR100-6 Datasheet
15Kb / 2P
   PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Apollo Electron Co., Lt...
MCR100-6 APOLLOELECTRON-MCR100-6 Datasheet
3Mb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
More results


Similar Description - MCR100-6

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com