Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE458 Datasheet (PDF) - NTE Electronics

NTE458 Datasheet PDF - NTE Electronics
Part # NTE458
Download  NTE458 Download
File Size   21.21 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description N-Channel Silicon JFET General Purpose, Low Noise, Audio Frequency Amplifier

NTE458 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE458 Datasheet PDF - NTE Electronics

Part # NTE458
Download  NTE458 Click to download

File Size   21.21 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description N-Channel Silicon JFET General Purpose, Low Noise, Audio Frequency Amplifier

NTE458 Datasheet (HTML) - NTE Electronics


NTE458 Product details

Features:

Very Low Noise

Low Gate Current



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Gate–Drain Voltage, VGDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –50V

Gate–Source Voltage, VGSO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –50V

Drain–Source Voltage (VDS = –2V), VDSX . . . . . . . . . . . . . . . . . . . . . 50V

Drain Current, ID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA

Gate Current, IG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA

Total Device Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mW

Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . +125°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . –55° to +125°C




Similar Part No. - NTE458

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE450A ETC2-NTE450A Datasheet
190Kb / 9P
HARDWARE ACCESSORIES
logo
NTE Electronics
NTE451 NTE-NTE451 Datasheet
23Kb / 2P
Silicon N-Channel JFET Transistor VHF/UHF Amplifier
NTE452 NTE-NTE452 Datasheet
24Kb / 2P
Silicon N-Channel JFET Transistor VHF Amplifier, Mixer
logo
Texas Instruments
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
logo
NTE Electronics
NTE454 NTE-NTE454 Datasheet
26Kb / 3P
MOSFET, N-Ch, Dual Gate, TV UHF/RF Amp, Gate Protected
More results


Similar Description - NTE458

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4117 CALOGIC-2N4117 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4338 CALOGIC-2N4338 Datasheet
19Kb / 1P
N-Channel JFET Low Noise Amplifier
J201 CALOGIC-J201 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
2N3684 CALOGIC-2N3684 Datasheet
76Kb / 1P
N CHANNEL JFET LOW NOISE AMPLIFIER
logo
Toshiba Semiconductor
2SK209 TOSHIBA-2SK209_07 Datasheet
553Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
logo
New Jersey Semi-Conduct...
2N3684 NJSEMI-2N3684 Datasheet
112Kb / 1P
N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
Calogic, LLC
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4338 CALOGIC-2N4338_15 Datasheet
31Kb / 1P
N-Channel JFET Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com