Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE454 Datasheet (PDF) - NTE Electronics

NTE454 Datasheet PDF - NTE Electronics
Part # NTE454
Download  NTE454 Download
File Size   26.55 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description MOSFET, N-Ch, Dual Gate, TV UHF/RF Amp, Gate Protected

NTE454 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE454 Datasheet PDF - NTE Electronics

Part # NTE454
Download  NTE454 Click to download

File Size   26.55 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description MOSFET, N-Ch, Dual Gate, TV UHF/RF Amp, Gate Protected

NTE454 Datasheet (HTML) - NTE Electronics


NTE454 Product details

Description:

The NTE454 is a depletion mode dual gate MOSFET transistor designed for VHF amplifier and mixer applications.



Features:

Low Reverse Transfer Capacitance – Crss = 0.03pf (Max)

High Forward Transfer Admittance – |yfe| = 0–20 mmhos

Diode Protected Gates



3

4

Gate 1 Source

Absolute Maximum Ratings:

Drain Source Voltage, VDSX . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20Vdc

Drain–Gate Voltage, VDG1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30Vdc

                           VDG2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30Vdc

Gate Current, IG1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±10mAdc

                   IG2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±10mAdc

Drain Current–Continuous, ID . . . . . . . . . . . . . . . . . . . . . . . . . 60mAdc

Total Power Dissipation (TA = +25°C), PD . . . . . . . . . . . . . . . 360mW

Derate above 25°C  . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4mW/°C

Total Power Dissipation (TC = +25°C), PD . . . . . . . . . . . . . . . 1.2Watt

Derate above 25°C  . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0mW/°C

Storage Channel Temperature Range, Tstg . . . . . . . –65 to +200°C

Junction Temperature Range, TJ . . . . . . . . . . . . . . . . –65 to +175°C

Lead Temperature, 1/16” from Seated Surface for 10 Seconds, TL . . . . 300°C




Similar Part No. - NTE454

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE450A ETC2-NTE450A Datasheet
190Kb / 9P
HARDWARE ACCESSORIES
logo
NTE Electronics
NTE451 NTE-NTE451 Datasheet
23Kb / 2P
Silicon N-Channel JFET Transistor VHF/UHF Amplifier
NTE452 NTE-NTE452 Datasheet
24Kb / 2P
Silicon N-Channel JFET Transistor VHF Amplifier, Mixer
logo
Texas Instruments
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
N−Channel Silicon Dual−Gate MOS Field Effect Transistor
More results


Similar Description - NTE454

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3SK127 TOSHIBA-3SK127 Datasheet
221Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER, UHF MIXER APPLICATIONS)
3SK199 TOSHIBA-3SK199 Datasheet
231Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK207 TOSHIBA-3SK207 Datasheet
231Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK240 TOSHIBA-3SK240 Datasheet
230Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK249 TOSHIBA-3SK249 Datasheet
224Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK256 TOSHIBA-3SK256 Datasheet
230Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK274 TOSHIBA-3SK274 Datasheet
255Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK284 TOSHIBA-3SK284 Datasheet
264Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK291 TOSHIBA-3SK291 Datasheet
237Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK293 TOSHIBA-3SK293 Datasheet
249Kb / 5P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICAITONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com