Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24AC64DPTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24AC64DPTH
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC64DPTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24AC64DPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ACE24AC64
Two-wire Serial EEPROM
VER 1.1
10
DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
24C××A supply VCC
1.8
5.5
V
ICC
Supply Read Current
V
CC@5.0V SCL=400 kHz
0.4
1.0
mA
ICC
Supply Write Current
V
CC@5.0V SCL=400 kHz
2.0
3.0
mA
ISB1
Supply Current
V
CC@1.8V,VIN = VCC or VSS
1.0
µA
ISB2
Supply Current
V
CC@2.5V,VIN = VCC or VSS
1.0
µA
ISB3
Supply Current
V
CC@5.0V,VIN = VCC or VSS
1.0
µA
ILI
Input Leakage Current
V
IN= VCC or VSS
3.0
µA
ILO
Output Leakage Current
V
IN= VCC or VSS
3.0
µA
VIL
Input Low Level
-0.6
VCC*0.3
V
VIH
Input High Level
VCC*0.7
VCC+0.5
V
VOL2
Output Low Level
V
CC@3.0V, IOL= 2.1 mA
0.4
V
VOL1
Output Low Level
V
CC@1.8V, IOL= 0.15 mA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com