Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7709 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7709
Description  16-Bit ADC with Switchable Current Sources
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7709 Datasheet HTML 17Page - Analog Devices AD7709 Datasheet HTML 18Page - Analog Devices AD7709 Datasheet HTML 19Page - Analog Devices AD7709 Datasheet HTML 20Page - Analog Devices AD7709 Datasheet HTML 21Page - Analog Devices AD7709 Datasheet HTML 22Page - Analog Devices AD7709 Datasheet HTML 23Page - Analog Devices AD7709 Datasheet HTML 24Page - Analog Devices AD7709 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
REV. A
AD7709
–20–
DIGITAL INTERFACE
As previously outlined, AD7709 programmable functions are
controlled using a set of on-chip registers. Data is written to
these registers via the part’s serial interface and read access to
the on-chip registers is also provided by this interface. All com-
munications to the part must start with a write operation to the
Communications Register. After power-on or reset, the device
expects a write to its Communications Register. The data writ-
ten to this register determines whether the next operation to the
part is a read or a write operation and also determines to which
register this read or write operation occurs. Therefore, write
access to any of the other registers on the part starts with a write
operation to the Communications Register followed by a write
to the selected register. A read operation from any other register
on the part (including the output data register) starts with a
write operation to the Communications Register followed by a
read operation from the selected register.
The AD7709 serial interface consists of five signals:
CS, SCLK,
DIN, DOUT, and RDY. The DIN line is used for transferring
data into the on-chip registers, while the DOUT line is used for
accessing data from the on-chip registers. SCLK is the serial
clock input for the device, and all data transfers (either on DIN
or DOUT) take place with respect to this SCLK signal. The
RDY line is used as a status signal to indicate when data is ready
to be read from the AD7709 data register. RDY goes low when a
new data-word is available in the output register. It is reset high
when a read operation from the data register is complete. It also
goes high prior to the updating of the output register to indicate
when not to read from the device to ensure that a data read is not
attempted while the register is being updated.
CS is used to select
the device. It can be used to decode the AD7709 in systems where
a number of parts are connected to the serial bus.
Figures 2 and 3 show timing diagrams for interfacing to the
AD7709 with
CS used to decode the part. Figure 3 is for a read
operation from the AD7709 output shift register while Figure 2
shows a write operation to the input shift register. It is possible
to read the same data twice from the output register even though
the RDY line returns high after the first read operation. Care must
be taken, however, to ensure that the read operations have been
completed before the next output update is about to take place.
The AD7709 serial interface can operate in 3-wire mode by
tying the
CS input low. In this case, the SCLK, DIN, and
DOUT lines are used to communicate with the AD7709, and
the status of the RDY bit can be obtained by interrogating the
Status Register. This scheme is suitable for interfacing to
microcontrollers. If
CS is required as a decoding signal, it can
be generated from a port bit. For microcontroller interfaces, it is
recommended that the SCLK idles high between data transfers.
The AD7709 can also be operated with
CS used as a frame
synchronization signal. This scheme is suitable for DSP interfaces.
In this case, the first bit (MSB) is effectively clocked out by
CS
since
CS would normally occur after the falling edge of SCLK
in DSPs. The SCLK can continue to run between data transfers
provided the timing numbers are obeyed.
The serial interface can be reset by exercising the
RESET input
on the part. It can also be reset by writing a series of 1s on the
DIN input. If a Logic 1 is written to the AD7709 DIN line for
at least 32 serial clock cycles, the serial interface is reset. This
ensures that in 3-wire systems, if the interface gets lost either via
a software error or by some glitch in the system, it can be reset
back to a known state. This state returns the interface to where
the AD7709 is expecting a write operation to its Communications
Register. This operation resets the contents of all registers to their
power-on reset values.
Some microprocessor or microcontroller serial interfaces have a
single serial data line. In this case, it is possible to connect the
AD7709 DOUT and DIN lines together and connect them to the
single data line of the processor. A 10 k
W pull-up resistor should
be used on this single data line. In this case, if the interface gets
lost, because the read and write operations share the same line,
the procedure to reset it back to a known state is somewhat
different than previously described. It requires a read operation
of 24 serial clocks followed by a write operation where a Logic 1
is written for at least 32 serial clock cycles to ensure that the
serial interface is back into a known state.
MICROCOMPUTER/MICROPROCESSOR INTERFACING
The AD7709 flexible serial interface allows for easy interface to
most microcomputers and microprocessors. The flowchart of
Figure 10 outlines the sequence that should be followed when
interfacing a microcontroller or microprocessor to the AD7709.
Figures 11, 12, and 13 show some typical interface circuits. The
serial interface on the AD7709 is capable of operating from just
three wires and is compatible with SPI interface protocols. The
3-wire operation makes the part ideal for isolated systems where
minimizing the number of interface lines minimizes the number
of opto-isolators required in the system. The serial clock input is
a Schmitt-triggered input to accommodate slow edges from
opto-couplers. The rise and fall times of other digital inputs to
the AD7709 should be no longer than 1
ms.
Some of the registers on the AD7709 are 8-bit registers, which
facilitates easy interfacing to the 8-bit serial ports of microcon-
trollers. The Data Register on the AD7709 is 16 bits and the
Configuration Register is 24 bits, but data transfers to these
registers can consist of multiple 8-bit transfers to the serial port
of the microcontroller. DSP processors and microprocessors
generally transfer 16 bits of data in a serial data operation. Some
of these processors, such as the ADSP-2105, have the facility to
program the amount of cycles in a serial transfer. This allows the
user to tailor the number of bits in any transfer to match the
register length of the required register in the AD7709.
Even though some of the registers on the AD7709 are only 8 bits
in length, communicating with two of these registers in successive
write operations can be handled as a single 16-bit data transfer if
required. For example, if the Filter Register is to be updated, the
processor must first write to the Communications Register (say-
ing that the next operation is a write to the Filter Register), and
then write 8 bits to the Filter Register. If required, this can all be
done in a single 16-bit transfer because once the eight serial
clocks of the write operation to the Communications Register
have been completed, the part immediately sets itself up for a
write operation to the Filter Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com