Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317LZ Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM317LZ
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317LZ Datasheet(HTML) 3 Page - STMicroelectronics

  LM317LZ Datasheet HTML 1Page - STMicroelectronics LM317LZ Datasheet HTML 2Page - STMicroelectronics LM317LZ Datasheet HTML 3Page - STMicroelectronics LM317LZ Datasheet HTML 4Page - STMicroelectronics LM317LZ Datasheet HTML 5Page - STMicroelectronics LM317LZ Datasheet HTML 6Page - STMicroelectronics LM317LZ Datasheet HTML 7Page - STMicroelectronics LM317LZ Datasheet HTML 8Page - STMicroelectronics LM317LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM217L/LM317L
3/10
ELECTRICAL CHARACTERISTICS OF LM217L (refer to the test circuits, TJ = - 40 to 125°C,
VI -VO =5V, IO = 40 mA, unless otherwise specified).
(*) CADJ is connected between Adjust pin and Ground.
ELECTRICAL CHARACTERISTICS OF LM317L (refer to the test circuits, TJ = 0 to 125°C,
VI -VO =5V, IO = 40 mA, unless otherwise specified).
(*) CADJ is connected between Adjust pin and Ground.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆V
O
Line Regulation
VI -VO = 3 to 40 V
IL <20mA
TJ = 25°C
0.01
0.02
%/V
0.02
0.05
∆V
O
Load Regulation
VO ≤ 5V
IO = 5 to 100 mA
TJ = 25°C
5
15
mV
20
50
VO ≥ 5V
IO = 5 to 100 mA
TJ = 25°C
0.1
0.3
%
0.3
1
IADJ
Adjustment Pin Current
50
100
µA
∆I
ADJ
Adjustment Pin Current
VI -VO = 3 to 40 V IO = 5 to 100 mA
Pd < 625 mW
0.2
5
µA
VREF
Reference Voltage
VI -VO = 3 to 40 V IO = 10 to 500 mA
Pd < 625 mW
1.2
1.25
1.3
V
∆V
O/VO
Output Voltage
Temperature Stability
0.7
%
IO(min)
Minimum Load Current
VI -VO = 40 V
3.55mA
IO(max) Maximum Output Current
VI -VO = 3 to 13 V
100
200
mA
VI -VO =40 V
50
eN
Output Noise Voltage
B = 10 Hz to 10 KHzTJ = 25°C
0.003
%
SVR
Supply Voltage Rejection (*) TJ = 25°C
f=120Hz
CADJ = 0
65
dB
CADJ =10 µF
66
80
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆V
O
Line Regulation
VI -VO = 3 to 40 V
IL <20mA
TJ = 25°C
0.01
0.04
%/V
0.02
0.07
∆V
O
Load Regulation
VO ≤ 5V
IO = 5 to 100 mA
TJ = 25°C
5
25
mV
20
70
VO ≥ 5V
IO = 5 to 100 mA
TJ = 25°C
0.1
0.5
%
0.3
1.5
IADJ
Adjustment Pin Current
50
100
µA
∆I
ADJ
Adjustment Pin Current
VI -VO = 3 to 40 V IO = 5 to 100 mA
Pd < 625 mW
0.2
5
µA
VREF
Reference Voltage
VI -VO = 3 to 40 V IO = 5 to 100 mA
Pd < 625 mW
1.2
1.25
1.3
V
∆V
O/VO
Output Voltage
Temperature Stability
0.7
%
IO(min)
Minimum Load Current
VI -VO = 40 V
3.55mA
IO(max) Maximum Output Current
VI -VO = 3 to 13 V
100
200
mA
VI -VO =40 V
50
eN
Output Noise Voltage
B = 10 Hz to 10 KHzTJ = 25°C
0.003
%
SVR
Supply Voltage Rejection (*) TJ = 25°C
f=120Hz
CADJ = 0
65
dB
CADJ =10 µF
66
80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com