Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2815DF/ES Datasheet(PDF) 5 Page - International Rectifier

Part # ATR2815DF/ES
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2815DF/ES Datasheet(HTML) 5 Page - International Rectifier

  ATR2815DF/ES Datasheet HTML 1Page - International Rectifier ATR2815DF/ES Datasheet HTML 2Page - International Rectifier ATR2815DF/ES Datasheet HTML 3Page - International Rectifier ATR2815DF/ES Datasheet HTML 4Page - International Rectifier ATR2815DF/ES Datasheet HTML 5Page - International Rectifier ATR2815DF/ES Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
ATR28XXT Series
Pin Designation
ATR28XXT Case Outline
Part Numbering
2.700
Max
2.360
1.350
Max
1.95
0.410
Max
0.05
0.040 D X
0.26 L Pins
4 X 0.400
=1.600
1.000
Pin No.
Designation
1
Positive Input
2
+5VDC Output
3
Output Return
4
Negative Dual Output
5
Positive Dual Output
6
N/C
7
Case Ground
8
Enable Input
9
Sync Input
10
Input Return
ATR 28 15 T F / CH
Model
Input Voltage
28 = 28V Nominal
Output Voltage
12 = 5V,±12V:
Outputs
T = Triple
S = Single
D = Dual
Screening
– , ES, HB, CH
Package Style
F = Flange
15 = 5V,±12V:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com