Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7983BCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7983BCPZ-R2
Description  16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7983BCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7983BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7983BCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
AD7983
Rev. B | Page 17 of 24
CS MODE, 3-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when a single AD7983 is connected
to an SPI-compatible digital host. The connection diagram is
shown in Figure 26, and the corresponding timing is given in
Figure 27.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. When a conversion is initiated, it continues until
completion irrespective of the state of CNV. This can be useful,
for example, to bring CNV low to select other SPI devices, such
as analog multiplexers; however, CNV must be returned high
before the minimum conversion time elapses and then held
high for the maximum conversion time to avoid the generation
of the busy signal indicator. When the conversion is complete, the
AD7983 enters the acquisition phase and goes into standby mode.
When CNV goes low, the MSB is output onto SDO. The
remaining data bits are then clocked by subsequent SCK falling
edges. The data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the SCK
falling edge allows a faster reading rate provided that it has an
acceptable hold time. After the 16th SCK falling edge or when
CNV goes high, whichever is earlier, SDO returns to high
impedance.
AD7983 SDO
SDI
DATA IN
DIGITAL HOST
CONVERT
CLK
VIO
CNV
SCK
Figure 26. CS Mode, 3-Wire Without Busy Indicator
Connection Diagram (SDI High)
SDI = 1
tCNVH
tCONV
tCYC
CNV
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKL
CONVERSION
SCK
SDO
D15
D14
D13
D1
D0
tEN
tHSDO
1
2
3
14
15
16
tDSDO
tDIS
tSCKH
Figure 27. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com