Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46292G Datasheet(PDF) 2 Page - Rohm

Part # BD46292G
Description  VOLTAGE DETECTOR IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46292G Datasheet(HTML) 2 Page - Rohm

  BD46292G Datasheet HTML 1Page - Rohm BD46292G Datasheet HTML 2Page - Rohm BD46292G Datasheet HTML 3Page - Rohm BD46292G Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Voltage detectors
BD45XXXG
BD46XXXG
Absolute Maximum Ratings (Ta=25˚C)
Power dissipation:SSOP5
Operating temperature range
ER pin input voltage
Parameter
Symbol
Unit
Pd
Topr
V
V
mW
Storage temperature range
Tstg
Limits
– 40 ~ + 105
– 55 ~ + 125
540
VCT
GND – 0.3 ~ + 10
VOUT
GND – 0.3 ~ VDD + 0.3
GND – 0.3 ~ VDD + 0.3
˚C
˚C
VDD – GND
– 0.3 ~ + 10
V
∗1
Electrical characteristics (Unless otherwise noted; Ta=-25˚C ~ +105˚C)
VDETX0.03
—
—
—
—
VDETX0.05
0.80
0.80
0.85
—
VDETX0.08
2.40
—
0.70
2.10
VDET=2.3~3.1V
—
0.75
2.25
VDET=3.2~4.2V
VDET=4.3~4.8V
VDET=3.2~4.2V
VDET=4.3~4.8V
—
0.75
VDET=2.3~3.1V
2.25
2.40
2.55
0.1
µ
A
µ
A
µ
A
Icc1
Icc2
Ilaek
%
∆
VDET
RL=470KΩ, VDD=L→H→L
Ta=-40˚C ~ +105˚C
∗
1
∗
1
∗
1
∗
1
∗
1
∗
1
∗
1
VDET/∆T
—
±
100
±
360
ppm/˚C
VDD=VDET–0.2V
RL=100kΩ
CL=100pF
VDD=VDET+2V
0.95
—
—
V
VOPL
RL=470kΩ, VOL≥0.4V
VDD=VDS=10V
1.0
2.2
—
1.2
2.7
—
mA
IOH
VDS=0.5V, VDD=4.8V VDET=2.3~4.2V
VDS=0.5V, VDD=6.0V VDET=4.3~4.8V
2.0
5
—
mA
IOL
0.4
1.2
—
VDS=0.5V, VDD=1.2V
VDS=0.5V, VDD=2.4V (VDET≥2.7V)
—
—
0.8
VEL
∗
1
2.0
—
—
VEH
180
200
220
90
100
110
V
V
V
—
1
10
IER
VER=2.0V
µ
A
tPLH
45
50
55
BD45XX2G, BD46XX2G
BD45XX1G, BD46XX1G
BD45XX5G, BD46XX5G
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
Output
voltage
Power supply voltage
∗1
Derating: 5.4mW/˚C for operation above Ta=25˚C.(Mounted on a 70.0mmX70.0mmX16mm glass epoxy PCB.)
Circuit current when ON
Circuit current when OFF
Output leak current
ER pin "H" voltage
ER pin "L" voltage
ER pin input current
"H" transmission
delay time
Hysteresis voltage
Detection voltage
temperature coefficient
Min. operating voltage
"H" output current
"L" output current
∗
1 This value is guranteed at Ta=25˚C.
Note) RL is not necessary for CMOS output type.
Note) Please refer to the detection voltage of Line-up table.
Characteristic diagram and Measurement circuit
5V
VDET±0.5V
RL=100kΩ
100pF
VDD
VOUT
ER
GND
100pF
5V
VDET±0.5V
RL=100kΩ
VDD
VOUT
GND
ER
Ta (°C)
250
200
150
100
50
0
-60 -40 -20
20
40
60
80
100
120
0
(BD4x28xG tPLH)
BD45282G
BD45281G
BD45285G
Ta (°C)
50
40
30
20
10
0
-60 -40 -20
20
40
60
80
100
120
0
(BD4x28x tPLH)
Output delay time "L → H"
Output delay time "H → L"
Nch open drain output
CMOS output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com