Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1069125 Datasheet(PDF) 4 Page - SICK AG

Part # 1069125
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069125 Datasheet(HTML) 4 Page - SICK AG

  1069125 Datasheet HTML 1Page - SICK AG 1069125 Datasheet HTML 2Page - SICK AG 1069125 Datasheet HTML 3Page - SICK AG 1069125 Datasheet HTML 4Page - SICK AG 1069125 Datasheet HTML 5Page - SICK AG 1069125 Datasheet HTML 6Page - SICK AG 1069125 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRSE18S-P2442 | GR18S
PHOTOELECTRIC SENSORS
Adjustments possible
GRL18(S), GRSE18(S), Sensitivity setting: Potentiometer, 270°
+
–
Sensitivity
+
–
Connection diagram
Cd-072
1
2
+ (L+)
not connected
- (M)
BN
WH
BU
1
2
3
Test
BK
4
+ (L+)
Q
- (M)
BN
WH
BU
BK
1
2
3
Q
4
①  Sender
②  Receiver
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-12-07 16:01:50
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com