Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL210A Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SSL210A
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SSL210A Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SSL210A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SSL210A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-S404
Rev. 1.0, 11-May-15
SSL24A THRU SSL210A
肖特基二极管Schottky Rectifier
■特征
Features
■外形尺寸 Outline Dimensions and Mark
Io
2.0A
VRRM
40V~100V
低正向电压,低功耗
Low VF,Low power loss
耐正向浪涌电流能力高
High surge forward current capability
用途
Applications
整流用
Rectifier
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
SSL2
4A
6A
10A
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
40
60
100
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
2.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
50
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+150
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
SSL2
4A
6A
10A
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=2.0A
0.47
0.55
0.75
反向峰值电流
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
热阻
Thermal Resistance
RθJ-L
/W
结和引线之间
Between junction and lead
22
Dimensions in inches and (millimeters)
DO-214AC(SMA)
.187(4.75)
.167(4.25)
.111(2.83)
.094(2.40)
.062(1.58)
.049(1.25)
.091(2.30)
.075(1.90)
.056(1.41)
.030(0.76)
.008(0.20)
.003(0.08)
.012(0.31)
.006(0.15)
0.077(1.96)
0.220
(5.58)
Mounting Pad Layout
0.065
(1.66)
0.080
(2.04)
.208(5.28)
.194(4.93)
COMPLIANT
RoHS


Similar Part No. - SSL210A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SSL210A FS-SSL210A Datasheet
299Kb / 3P
VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
logo
RFE international
SSL210A RFE-SSL210A Datasheet
2Mb / 3P
Surface Mount Schottky Rectifier
10-17-2022
More results

Similar Description - SSL210A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com