Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL646USB Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646USB Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GL646USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 19Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 20Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL646USB Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Revision 1.3
Mar.22 2001
-17-
GL646USB
The resolution of motor speed control is 16 bits, so, we can control vertical resolution
By one dpi increment, the resolution can be from 1 DPI to 4800DPI for 1200DPI scanner
And 1 DPI to 9600 DPI for 2400dpi scanner.
Note: The resolution of quarter step can up to four times resolution.
6.20. Acceleration/Deceleration Double Table
The acceleration/deceleration slope tables are store in DRAM, can be download by S/W.
The slope can be programmed by S/W for each table. Resolution is 16 bits pixel-time. The number of slope steps is
1~255 steps. One table is for scanning The other is for fast move.
The forward and backward steps can be programmed by S/W. The resolution is 16 bits pixel-time. The number of
slope steps is 1~255 steps. You can adjust any non-linear curve.
Note: what is fast move? Such as move back to go home or move to window any position to scan.
(1). Two table moving :
scan finished
buffer full position
Scanning position
Go to scan window
forward
backward
go home
time
speed
B
A
C
D
E
F
G
H
I
J
A,J
: table two (slope two) acceleration curve.
B
: table two (slope two) deceleration curve.
C,D,I : table one (slope one) acceleration curve.
E,F,H : table one (slope one) deceleration curve.
G
: touch home sensor deceleration curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com