Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS6552V02D/T2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VS6552V02D/T2
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02D/T2 Datasheet(HTML) 4 Page - STMicroelectronics

  VS6552V02D/T2 Datasheet HTML 1Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 2Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 3Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 4Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 5Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 6Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 7Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 8Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
VS6552
4/26
1 OVERVIEW
1.1 Sensor Overview
The VS6552 VGA image sensor produces raw
VGA digital video data at up to 30 frames per sec-
ond. The image data is digitized using an internal
10-bit column ADC. The resulting 10-bit output
data includes embedded codes for synchroniza-
tion. The data is formatted and transmitted over a
fully differential link. The data is accompanied by a
qualifying clock that is transmitted over an identi-
cal fully differential link.
The sensor is fully configurable using an I2C inter-
face.
The sensor is optimized for high volume mobile
applications
1.1.1 Typical Application - Mobile Application
The VS6552 is an image sensor, it should be used
in
conjunction
with
the
STMicroelectronics
STV0974 companion processor. The coprocessor
and the sensor together form a complete imaging
system.
The sensors main function is to convert the viewed
scene into a data stream. The companion proces-
sor function is to manage the sensor so that it can
produce the best possible data and to process the
data stream into a form which is easily handled by
up stream mobile baseband or MMP chipsets.
The sensor supplies high speed clock signal to the
processor and provides the embedded control se-
quences which allow the co processor to synchro-
nize with the frame and line level timings. The
processor then performs the color processing on
the raw image data from the sensor before supply-
ing the final image data to the host.
Figure 1. Camera System Using STV0974
MSCL
MSDA
CLK
VP
SCL
SDA
DIO[0:13]
PCLKP
PCLKN
PDATAP
PDATAN
Microprocessor
VC
ADC
Pixel
Array
PDN
VS6552
STV0974



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com